Electronic Components Datasheet Search
  English  ▼

X  

OP497GP Datasheet(PDF) 11 Page - Analog Devices

Part # OP497GP
Description  Precision Picoampere Input Current Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP497GP Datasheet(HTML) 11 Page - Analog Devices

Back Button OP497GP Datasheet HTML 7Page - Analog Devices OP497GP Datasheet HTML 8Page - Analog Devices OP497GP Datasheet HTML 9Page - Analog Devices OP497GP Datasheet HTML 10Page - Analog Devices OP497GP Datasheet HTML 11Page - Analog Devices OP497GP Datasheet HTML 12Page - Analog Devices OP497GP Datasheet HTML 13Page - Analog Devices OP497GP Datasheet HTML 14Page - Analog Devices OP497GP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OP497
Rev. E | Page 11 of 16
GUARDING AND SHIELDING
To maintain the extremely high input impedances of the OP497,
care must be taken in circuit board layout and manufacturing.
Board surfaces must be kept scrupulously clean and free of
moisture. Conformal coating is recommended to provide a
humidity barrier. Even a clean PCB can have 100 pA of leakage
currents between adjacent traces; therefore, use guard rings
around the inputs. Guard traces are operated at a voltage close
to that on the inputs, as shown in Figure 34, so that leakage
currents become minimal. In noninverting applications, connect
the guard ring to the common-mode voltage at the inverting
input. In inverting applications, both inputs remain at ground;
therefore, the guard trace should be grounded. Place guard
traces on both sides of the circuit board.
1/4
OP497
UNITY-GAIN FOLLOWER
NONINVERTING AMPLIFIER
INVERTING AMPLIFIER
B
8
A
1
PDIP
BOTTOM VIEW
–
+
–
+
–
+
1/4
OP497
1/4
OP497
Figure 34. Guard Ring Layout and Connections
OPEN-LOOP GAIN LINEARITY
The OP497 has both an extremely high gain of 2000 V/mV
typical and constant gain linearity. This enhances the precision
of the OP497 and provides for very high accuracy in high
closed-loop gain applications. Figure 35 illustrates the typical
open-loop gain linearity of the OP497.
OUTPUT VOLTAGE (V)
–15
–10
–5
0
5
10
15
RL = 10kΩ
VS = ±15V
VCM = 0V
TA = 25°C
TA = 125°C
Figure 35. Open-Loop Gain Linearity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com