Electronic Components Datasheet Search
  English  ▼

X  

OP497GP Datasheet(PDF) 13 Page - Analog Devices

Part # OP497GP
Description  Precision Picoampere Input Current Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP497GP Datasheet(HTML) 13 Page - Analog Devices

Back Button OP497GP Datasheet HTML 8Page - Analog Devices OP497GP Datasheet HTML 9Page - Analog Devices OP497GP Datasheet HTML 10Page - Analog Devices OP497GP Datasheet HTML 11Page - Analog Devices OP497GP Datasheet HTML 12Page - Analog Devices OP497GP Datasheet HTML 13Page - Analog Devices OP497GP Datasheet HTML 14Page - Analog Devices OP497GP Datasheet HTML 15Page - Analog Devices OP497GP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
OP497
Rev. E | Page 13 of 16
NONLINEAR CIRCUITS
Due to its low input bias currents, the OP497 is an ideal log
amplifier in nonlinear circuits, such as the squaring amplifier
and square root amplifier circuits shown in Figure 40 and
Figure 41. Using the squaring amplifier circuit in Figure 40
as an example, the analysis begins by writing a voltage loop
equation across Transistors Q1, Q2, Q3, and Q4.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
S4
REF
T4
S3
O
T3
S2
IN
T2
S1
IN
T1
I
I
In
V
I
I
I
In
V
I
I
In
V
I
I
In
V
All the transistors in the MAT04 are precisely matched and at
the same temperature; therefore, the IS and VT terms cancel,
giving
2InIIN
= InIO + InIREF = In (IO × IREF)
Exponentiating both sides of the thick equation lead to
()
REF
IN
O
I
I
I
2
=
Op amp A2 forms a current-to-voltage converter which results
in VOUT = R2 × IO. Substituting (VIN/R1) for IIN and the previous
equation for IO yields
2
⎟
⎠
⎞
⎜
⎝
⎛
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
R1
V
I
R2
V
IN
REF
OUT
1
2
3
6
7
5
C1
100pF
V+
2
3
8
1
4
V–
6
5
7
IO
9
8
10
Q1
Q3
Q2
14
12
Q4
13
IREF
MAT04
1/4
OP497
1/4
OP497
A2
A1
IIN
VIN
R1
133k
Ω
–15V
R3
50k
Ω
R4
50k
Ω
C2
100pF
R2
33k
Ω
VOUT
Figure 40. Squaring Amplifier
A similar analysis made for the square root amplifier circuit in
Figure 41 leads to its transfer function
( )(
)
R1
I
V
R2
V
REF
IN
OUT =
In these circuits, IREF is a function of the negative power supply. To
maintain accuracy, the negative supply should be well regulated.
For applications where very high accuracy is required, a voltage
reference can be used to set IREF. An important consideration for
the squaring circuit is that a sufficiently large input voltage can
force the output beyond the operating range of the output op
amp. Resistor R4 can be changed to scale IREF, or R1 and R2 can
be varied to keep the output voltage within the usable range.
1
2
3
6
7
5
V+
2
3
8
1
4
6
5
7
IO
9
8
10
Q1
Q3
Q2
14
12
Q4
13
MAT04
C2
100pF
1/4
OP497
1/4
OP497
VOUT
R2
33k
Ω
IREF
IIN
C1
100pF
–15V
V–
R5
2k
Ω
R3
50k
Ω
R4
50k
Ω
VIN
R1
33k
Ω
Figure 41. Square Root Amplifier
Unadjusted accuracy of the square root circuit is better than
0.1% over an input voltage range of 100 mV to 10 V. For a similar
input voltage range, the accuracy of the squaring circuit is better
than 0.5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com