Electronic Components Datasheet Search
  English  ▼

X  

AD9221 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9221
Description  Complete 12-Bit 1.5/3.0/10.0 MSPS ithic A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9221 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9221 Datasheet HTML 5Page - Analog Devices AD9221 Datasheet HTML 6Page - Analog Devices AD9221 Datasheet HTML 7Page - Analog Devices AD9221 Datasheet HTML 8Page - Analog Devices AD9221 Datasheet HTML 9Page - Analog Devices AD9221 Datasheet HTML 10Page - Analog Devices AD9221 Datasheet HTML 11Page - Analog Devices AD9221 Datasheet HTML 12Page - Analog Devices AD9221 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
REV. E
AD9221/AD9223/AD9220
–9–
INTRODUCTION
The AD9221/AD9223/AD9220 are members of a high perfor-
mance, complete single-supply 12-bit ADC product family based
on the same CMOS pipelined architecture. The product family
allows the system designer an upward or downward component
selection path based on dynamic performance, sample rate, and
power. The analog input range of the AD9221/AD9223/AD9220
is highly flexible, allowing for both single-ended or differen-
tial inputs of varying amplitudes that can be ac or dc coupled.
Each device shares the same interface options, pinout, and
package offering.
The AD9221/AD9223/AD9220 utilize a four-stage pipeline
architecture with a wideband input sample-and-hold amplifier
(SHA) implemented on a cost-effective CMOS process. Each
stage of the pipeline, excluding the last stage, consists of a low
resolution flash A/D connected to a switched capacitor DAC
and interstage residue amplifier (MDAC). The residue amplifier
amplifies the difference between the reconstructed DAC output
and the flash input for the next stage in the pipeline. One bit of
redundancy is used in each of the stages to facilitate digital
correction of flash errors. The last stage simply consists of a
flash A/D.
The pipeline architecture allows a greater throughput rate at the
expense of pipeline delay or latency. This means that while the
converter is capable of capturing a new input sample every clock
cycle, it actually takes three clock cycles for the conversion to be
fully processed and appear at the output. This latency is not a
concern in most applications. The digital output, together with
the out-of-range indicator (OTR), is latched into an output buffer
to drive the output pins. The output drivers can be configured to
interface with 5 V or 3.3 V logic families.
The AD9221/AD9223/AD9220 use both edges of the clock in
their internal timing circuitry (see Figure 1 and Specifications
for exact timing requirements). The A/D samples the analog
input on the rising edge of the clock input. During the clock low
time (between the falling edge and rising edge of the clock), the
input SHA is in the sample mode; during the clock high time, it
is in hold. System disturbances just prior to the rising edge of
the clock and/or excessive clock jitter may cause the input SHA
to acquire the wrong value, and should be minimized.
The internal circuitry of both the input SHA and individual
pipeline stages of each member of the product family are opti-
mized for both power dissipation and performance. An inherent
trade-off exists between the input SHA’s dynamic performance
and its power dissipation. Figures 2 and 3 show this trade-off by
comparing the full-power bandwidth and settling time of the
AD9221/AD9223/AD9220. Both figures reveal that higher full-
power bandwidths and faster settling times are achieved at the
expense of an increase in power dissipation. Similarly, a trade-
off exists between the sampling rate and the power dissipated
in each stage.
As previously stated, the AD9221, AD9223, and AD9220 are
similar in most aspects except for the specified sampling rate,
power consumption, and dynamic performance. The product
family is highly flexible, providing several different input ranges
and interface options. As a result, many of the application issues
and trade-offs associated with these resulting configurations are
also similar. The data sheet is structured such that the designer
can make an informed decision in selecting the proper A/D and
optimizing its performance to fit the specific application.
FREQUENCY – MHz
0
–3
–12
1
100
10
–6
–9
AD9221
AD9220
AD9223
Figure 2. Full-Power Bandwidth
SETTLING TIME – ns
4000
3000
0
0
60
10
20
30
40
50
2000
1000
AD9220
AD9223
AD9221
Figure 3. Settling Time
ANALOG INPUT AND REFERENCE OVERVIEW
Figure 4, a simplified model of the AD9221/AD9223/AD9220,
highlights the relationship between the analog inputs, VINA,
VINB, and the reference voltage, VREF. Like the voltage
applied to the top of the resistor ladder in a flash A/D converter,
the value VREF defines the maximum input voltage to the A/D
core. The minimum input voltage to the A/D core is automati-
cally defined to be –VREF.
VCORE
VINA
VINB
+VREF
–VREF
A/D
CORE
12
AD9221/AD9223/AD9220
Figure 4. AD9221/AD9223/AD9220 Equivalent
Functional Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com