Electronic Components Datasheet Search
  English  ▼

X  

AD9221 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9221
Description  Complete 12-Bit 1.5/3.0/10.0 MSPS ithic A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9221 Datasheet(HTML) 3 Page - Analog Devices

  AD9221 Datasheet HTML 1Page - Analog Devices AD9221 Datasheet HTML 2Page - Analog Devices AD9221 Datasheet HTML 3Page - Analog Devices AD9221 Datasheet HTML 4Page - Analog Devices AD9221 Datasheet HTML 5Page - Analog Devices AD9221 Datasheet HTML 6Page - Analog Devices AD9221 Datasheet HTML 7Page - Analog Devices AD9221 Datasheet HTML 8Page - Analog Devices AD9221 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
REV. E
AD9221/AD9223/AD9220
–3–
AC SPECIFICATIONS
(AVDD = 5 V, DVDD= 5 V, fSAMPLE = Max Conversion Rate, VREF = 1.0 V, VINB = 2.5 V, DC Coupled/Single-
Ended Input TMIN to TMAX, unless otherwise noted.)
Parameter
AD9221
AD9223
AD9220
Unit
MAX CONVERSION RATE
1.5
3.0
10.0
MHz min
DYNAMIC PERFORMANCE
Input Test Frequency 1 (VINA = –0.5 dBFS)
100
500
1000
kHz
Signal-to-Noise and Distortion (SINAD)
70.0
70.0
70
dB typ
69.0
68.5
68.5
dB min
Effective Number of Bits (ENOBs)
11.3
11.3
11.3
dB typ
11.2
11.1
11.1
dB min
Signal-to-Noise Ratio (SNR)
70.2
70.0
70.2
dB typ
69.0
68.5
69.0
dB min
Total Harmonic Distortion (THD)
–83.4
–83.4
–83.7
dB typ
–77.5
–76.0
–76.0
dB max
Spurious Free Dynamic Range (SFDR)
86.0
87.5
88.0
dB typ
79.0
77.5
77.5
dB max
Input Test Frequency 2 (VINA = –0.5 dBFS)
0.50
1.50
5.0
MHz
Signal-to-Noise and Distortion (SINAD)
69.9
69.4
67.0
dB typ
69.0
68.0
65.0
dB min
Effective Number of Bits (ENOBs)
11.3
11.2
10.8
dB typ
11.2
11.1
10.5
dB min
Signal-to-Noise Ratio (SNR)
70.1
69.7
68.8
dB typ
69.0
68.5
67.5
dB min
Total Harmonic Distortion (THD)
–83.4
–82.9
–72.0
dB typ
–77.5
–75.0
–68.0
dB max
Spurious Free Dynamic Range (SFDR)
86.0
85.7
75.0
dB typ
79.0
76.0
69.0
dB max
Full Power Bandwidth
25
40
60
MHz typ
Small Signal Bandwidth
25
40
60
MHz typ
Aperture Delay
111ns typ
Aperture Jitter
444ps rms typ
Acquisition to Full-Scale Step
125
43
30
ns typ
Specifications subject to change without notice.
DIGITAL SPECIFICATIONS (AVDD = 5 V, DVDD = 5 V, T
MIN to TMAX, unless otherwise noted.)
Parameter
Symbol
Unit
CLOCK INPUT
High Level Input Voltage
VIH
3.5
V min
Low Level Input Voltage
VIL
1.0
V max
High Level Input Current (VIN = DVDD)
IIH
±10
µA max
Low Level Input Current (VIN = 0 V)
IIL
±10
µA max
Input Capacitance
CIN
5
pF typ
LOGIC OUTPUTS
DVDD = 5 V
High Level Output Voltage (IOH = 50
µA)
VOH
4.5
V min
High Level Output Voltage (IOH = 0.5 mA)
VOH
2.4
V min
Low Level Output Voltage (IOL = 1.6 mA)
VOL
0.4
V max
Low Level Output Voltage (IOL = 50
µA)
VOL
0.1
V max
DVDD = 3 V
High Level Output Voltage (IOH = 50
µA)
VOH
2.95
V min
High Level Output Voltage (IOH = 0.5 mA)
VOH
2.80
V min
Low Level Output Voltage (IOL = 1.6 mA)
VOL
0.4
V max
Low Level Output Voltage (IOL = 50
µA)
VOL
0.05
V max
Output Capacitance
COUT
5
pF typ
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com