Electronic Components Datasheet Search
  English  ▼

X  

AD9221 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9221
Description  Complete 12-Bit 1.5/3.0/10.0 MSPS ithic A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9221 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9221 Datasheet HTML 17Page - Analog Devices AD9221 Datasheet HTML 18Page - Analog Devices AD9221 Datasheet HTML 19Page - Analog Devices AD9221 Datasheet HTML 20Page - Analog Devices AD9221 Datasheet HTML 21Page - Analog Devices AD9221 Datasheet HTML 22Page - Analog Devices AD9221 Datasheet HTML 23Page - Analog Devices AD9221 Datasheet HTML 24Page - Analog Devices AD9221 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
REV. E
AD9221/AD9223/AD9220
–21–
can be detected. Table V is a truth table for the over/underrange
circuit in Figure 28, which uses NAND gates. Systems requiring
programmable gain conditioning of the AD9221/AD9223/
AD9220 input signal can immediately detect an out-of-range
condition, thus eliminating gain selection iterations. Also, OTR
can be used for digital offset and gain calibration.
Table V. Out-of-Range Truth Table
OTR
MSB
Analog Input Is
00
In Range
01
In Range
10
Underrange
11
Overrange
OVER = “1”
UNDER = “1”
MSB
OTR
MSB
Figure 28. Overrange or Underrange Logic
Digital Output Driver Considerations (DVDD)
The AD9221, AD9223 and AD9220 output drivers can be
configured to interface with 5 V or 3.3 V logic families by setting
DVDD to 5 V or 3.3 V respectively. The AD9221/AD9223/
AD9220 output drivers are sized to provide sufficient output
current to drive a wide variety of logic families. However, large
drive currents tend to cause glitches on the supplies and may
affect SINAD performance. Applications requiring the AD9221/
AD9223/AD9220 to drive large capacitive loads or large fanout
may require additional decoupling capacitors on DVDD. In
extreme cases, external buffers or latches may be required.
Clock Input and Considerations
The AD9221/AD9223/AD9220 internal timing uses the two
edges of the clock input to generate a variety of internal timing
signals. The clock input must meet or exceed the minimum
specified pulsewidth high and low (tCH and tCL) specifications
for the given A/D as defined in the Switching Specifications to
meet the rated performance specifications. For example, the
clock input to the AD9220 operating at 10 MSPS may have a
duty cycle between 45% to 55% to meet this timing requirement
since the minimum specified tCH and tCL is 45 ns. For clock
rates below 10 MSPS, the duty cycle may deviate from this
range to the extent that both tCH and tCL are satisfied.
All high speed high resolution A/Ds are sensitive to the quality
of the clock input. The degradation in SNR at a given full-scale
input frequency (fIN) due to only aperture jitter (tA) can be
calculated with the following equation:
SNR
f
t
IN
A
=
[]
20
1 2
10
log
/
π
In the equation, the rms aperture jitter, tA, represents the root-
sum square of all the jitter sources, which include the clock
input, analog input signal, and A/D aperture jitter specification.
For example, if a 5 MHz full-scale sine wave is sampled by an
A/D with a total rms jitter of 15 ps, the SNR performance of the
A/D will be limited to 66.5 dB. Undersampling applications are
particularly sensitive to jitter.
The clock input should be treated as an analog signal in cases
where aperture jitter may affect the dynamic range of the AD9221/
AD9223/AD9220. As such, supplies for clock drivers should be
separated from the A/D output driver supplies to avoid modulating
the clock signal with digital noise. Low jitter crystal controlled
oscillators make the best clock sources. If the clock is generated
from another type of source (by gating, dividing, or other method),
it should be retimed by the original clock at the last step.
Most of the power dissipated by the AD9221/AD9223/AD9220
is from the analog power supplies. However, lower clock speeds
will reduce digital current slightly. Figure 29 shows the relation-
ship between power and clock rate for each A/D.
CLOCK FREQUENCY – MHz
66
64
56
3.0
2.5
62
60
58
5V p-p
2V p-p
54
52
50
48
2.0
1.5
1.0
0.5
Figure 29a. AD9221 Power Consumption vs. Clock
Frequency
CLOCK FREQUENCY – MHz
125
120
105
6
5
115
110
5V p-p
2V p-p
100
95
90
4
3
2
1
0
Figure 29b. AD9223 Power Consumption vs. Clock
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com