Electronic Components Datasheet Search
  English  ▼

X  

AD9221 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9221
Description  Complete 12-Bit 1.5/3.0/10.0 MSPS ithic A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9221 Datasheet(HTML) 2 Page - Analog Devices

  AD9221 Datasheet HTML 1Page - Analog Devices AD9221 Datasheet HTML 2Page - Analog Devices AD9221 Datasheet HTML 3Page - Analog Devices AD9221 Datasheet HTML 4Page - Analog Devices AD9221 Datasheet HTML 5Page - Analog Devices AD9221 Datasheet HTML 6Page - Analog Devices AD9221 Datasheet HTML 7Page - Analog Devices AD9221 Datasheet HTML 8Page - Analog Devices AD9221 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
REV. E
–2–
AD9221/AD9223/AD9220–SPECIFICATIONS
(AVDD = 5 V, DVDD = 5 V, fSAMPLE = Max Conversion Rate, VREF = 2.5 V, VINB = 2.5 V, TMIN to TMAX, unless
otherwise noted.)
Parameter
AD9221
AD9223
AD9220
Unit
RESOLUTION
12
12
12
Bits min
MAX CONVERSION RATE
1.5
3
10
MHz min
INPUT REFERRED NOISE (TYP)
VREF = 1 V
0.23
0.23
0.23
LSB rms typ
VREF = 2.5 V
0.09
0.09
0.09
LSB rms typ
ACCURACY
Integral Nonlinearity (INL)
±0.4
±0.5
±0.5
LSB typ
±1.25
±1.25
±1.25
LSB max
Differential Nonlinearity (DNL)
±0.3
±0.3
±0.3
LSB typ
±0.75
±0.75
±0.75
LSB max
INL
1
±0.6
±0.6
±0.7
LSB typ
DNL
1
±0.3
±0.3
±0.35
LSB typ
No Missing Codes
12
12
12
Bits Guaranteed
Zero Error (@ 25
°C)
±0.3
±0.3
±0.3
% FSR max
Gain Error (@ 25
°C)2
±1.5
±1.5
±1.5
% FSR max
Gain Error (@ 25
°C)3
±0.75
±0.75
±0.75
% FSR max
TEMPERATURE DRIFT
Zero Error
±2
±2
±2
ppm/
°C typ
Gain Error
2
±26
±26
±26
ppm/
°C typ
Gain Error
3
±0.4
±0.4
±0.4
ppm/
°C typ
POWER SUPPLY REJECTION
AVDD, DVDD (+5 V
± 0.25 V)
±0.06
±0.06
±0.06
% FSR max
ANALOG INPUT
Input Span (with VREF = 1.0 V)
222V p-p min
Input Span (with VREF = 2.5 V)
555V p-p max
Input (VINA or VINB) Range
000V min
AVDD
AVDD
AVDD
V max
Input Capacitance
16
16
16
pF typ
INTERNAL VOLTAGE REFERENCE
Output Voltage (1 V Mode)
111V typ
Output Voltage Tolerance (1 V Mode)
±14
±14
±14
mV max
Output Voltage (2.5 V Mode)
2.5
2.5
2.5
V typ
Output Voltage Tolerance (2.5 V Mode)
±35
±35
±35
mV max
Load Regulation
4
2.0
2.0
2.0
mV max
REFERENCE INPUT RESISTANCE
555k
Ω typ
POWER SUPPLIES
Supply Voltages
AVDD
555V (
±5% AVDD Operating)
DVDD
2.7 to 5.25
2.7 to 5.25
2.7 to 5.25
V
Supply Current
IAVDD
14.0
26
58
mA max
11.8
20
51
mA typ
IDVDD
0.5
0.5
4.0
mA max
0.02
0.02
<1.0
mA typ
POWER CONSUMPTION
59.0
100
254
mW typ
70.0
130
310
mW max
NOTES
1V
REF = 1 V.
2Including internal reference.
3Excluding internal reference.
4Load regulation with 1 mA load current (in addition to that required by the AD9221/AD9223/AD9220).
Specification subject to change without notice.
DC SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com