Electronic Components Datasheet Search
  English  ▼

X  

175196-2 Datasheet(PDF) 103 Page - List of Unclassifed Manufacturers

Part # 175196-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175196-2 Datasheet(HTML) 103 Page - List of Unclassifed Manufacturers

Back Button 175196-2 Datasheet HTML 99Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 100Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 101Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 102Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 103Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 104Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 105Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 106Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 107Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
101
Bezeichnung
Description
2-1103108-3
0-1103108-1
2-1103109-3
0-1103109-1
HN.D.25.Sti.C
HN.D.25.Sti.C.B.1-25/Z
HN.D.25.Bu.C
HN.D.25.Bu.C.B.1-25/Z
Bestell-Nr./Order No.
Stifteinsatz
Buchseneinsatz
Male insert
Female insert
Bestelltext
Designation
HN.D.25 Kontakteinsätze/Contact inserts
Baugröße/Size 5
Crimpanschluss für gedrehte HN.D Crimpkontakte
Crimp terminal for screw machined HN.D crimp contacts
Kontaktzahlen
No. of contacts
250 V/10 A
25 +
Passende Crimpkontakte siehe Seite 34, Passende Crimpwerkzeuge siehe Seite 34
Suitable Crimp contacts see page 34, Suitable Crimping tools see page 34
Montageausschnitt
Panel cut-out
2-1103108-3
16
23
66
73
66
60
M3
3
M3x10
73
66
M3x10
60
66
3
M3
23
16
2-1103109-3
2-1103108-3
16
23
66
73
66
60
M3
3
M3x10
Stifteinsatz/Male insert
Buchseneinsatz/Female insert
Crimpanschluss/Crimp terminal
Anschlußseite Stift
Contact arrangement Male insert
Maßbild mm
Dimensions mm
Sti
Bu
M3x10
*19,5
A
B
C
D
E
27
*Abstand für sichere Kontaktgabe max. 21 mm
Sti
Bu
M3x10
A
B
C
D
E
16
*22,3
*Abstand für sichere Kontaktgabe max. 24 mm
Anschlußseite Buchse
Contact arrangement Female insert
Maße/Dimensions
AB
C
DE
mm
66
73
23
35
35
*Zusätzliche Kennzeichnung „Z“ wie in Euromap 67 hinterlegt
*Marked with „Z“ according Euromap 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com