Electronic Components Datasheet Search
  English  ▼

X  

175196-2 Datasheet(PDF) 100 Page - List of Unclassifed Manufacturers

Part # 175196-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175196-2 Datasheet(HTML) 100 Page - List of Unclassifed Manufacturers

Back Button 175196-2 Datasheet HTML 96Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 97Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 98Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 99Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 100Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 101Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 102Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 103Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 104Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
98
HIP.10/24, HIP-K.10/24, EMV-K.10/24 Gehäuse/Housings
Baugröße/Size 4
HIP: Druckdicht, silbergrau, HIP-K: Korrosionsgeschützt, schwarz
EMV-K: Schutz gegen elektromagnetische Beeinflussung, druckdicht, korrosionsgeschützt, schwarz
HIP: Pressure-tight, silver-grey, HIP-K: Housings corrosion-resistant, black
EMV-K: Protection against electro-magnetic interference, pressure-tight, housings corrosion-resistant, black
Druckdicht bis
≤ 5 bar/pressure-tight up to 5 bar
IP 68
HIP
HIP.10/24.STS.1.16.G
HIP.10/24.STS.1.21.G
HIP.10/24.STS.1.M25.G
HIP-K
HIP-K.10/24.STS.1.21.G
HIP-K.10/24.STS.1.M25.G
HIP-K.10/24.STS.1.M32.G
EMV-K
EMV-K.10/24.STS.1.21.G
EMV-K.10/24.STS.1.M25.G
EMV-K.10/24.STS.1.M32.G
HIP
HIP.10/24.STO.1.16.G
HIP.10/24.STO.1.21.G
HIP.10/24.STO.1.M25.G
HIP-K
HIP-K.10/24.STO.1.16.G
HIP-K.10/24.STO.1.M25.G
HIP-K.10/24.STO.1.M32.G
EMV-K
EMV-K.10/24.STO.1.21.G
EMV-K.10/24.STO.1.M25.G
HIP
HIP.10/24.AG
HIP-K
HIP-K.10/24.AG
EMV-K
EMV-K.10/24.AG
1-1102640-5
1-1102642-5
0-1106436-2
2-1102642-5
0-1106436-4
0-1106436-6
4-1102714-5
0-1106427-3
1-1106427-0
1-1102644-5
1-1102646-5
0-1106436-1
2-1102644-5
0-1106436-3
0-1106436-5
4-1102715-5
0-1106427-4
1-1102647-5
2-1102647-5
4-1102718-5
Bestelltext
Designation
Bestell-Nr.
Order No.
PG
16
21
21
21
16
21
16
21
Passende Kabelverschraubungen ab Seite 188/Suitable Cable fittings from page 188
Metr.
M25
M25
M32
M25
M32
M25
M25
M32
M25
Bezeichnung
Description
Steckergehäuse: Kabeleingang oben
Hood: Top entry
95
109
53
1-1102640-5
M/PG
109
95
53
1-1102644-5
M/PG
Anbaugehäuse: Kabeleingang unten
Surface mounted housing: Bottom entry
Steckergehäuse: Kabeleingang seitlich
Hood: Side entry, Standard construction
109
83
65
83
ø4,5
56
32
M4
Montageausschnitt/Panel cut-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com