Electronic Components Datasheet Search
  English  ▼

X  

175196-2 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # 175196-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175196-2 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button 175196-2 Datasheet HTML 27Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 28Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 29Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 30Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 31Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 32Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 33Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 34Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
29
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
Technische Kennwerte
Vorschriften:
DIN VDE 0110
DIN VDE 0627
Zulassungen:
UL/CSA/SEV/VDE
Käfigzugfederanschluß:
bis 2,5mm2 (AWG 14)
mit Aderendhülse bis 1,5mm2 (AWG 16)
Werkstoffe
Kontaktelemente:
Kupferlegierung
Kontaktoberfläche:
hartversilbert
Technical ratings
Specification:
DIN VDE 0110
DIN VDE 0627
Approval:
UL/CSA/SEV/VDE
Cage clamp terminal:
up to 2,5mm2 (AWG 14)
with wire pin up to 1,5mm2 AWG 16)
Materials
Contact elements:
copper alloy
Contact surface:
hard-silver-plated
M3x10
M3x10
B
A
C
D
Baugröße/Size
Maße/Dimensions
2
5
AB
C
D
56,5
73
49,5
66
22,8
22,8
16
16
*Abstand für sichere Kontaktgabe 24 mm
Montageausschnitt für Kontakteinsätze bei Verwendung ohne Gehäuse
Panel cut-out
Ansicht Anschlußseite
Kontaktanordnung
M3
B
A
3
1
2
3
4
5
6
7
8
16151413121110 9
Contact arrangements
view from terminal side
Baugröße/SizeMaße/Dimensions
2
5
AB
43,5
60
49,5
66
123 4 5
67 8
10
9
HA Spring Clamp-Anschluss/HA Spring Clamp connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com