Electronic Components Datasheet Search
  English  ▼

X  

175196-2 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # 175196-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175196-2 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button 175196-2 Datasheet HTML 21Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 22Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 23Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 24Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 25Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 26Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 27Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 28Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
23
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
height in m
2000
3000
4000
5000
6000
7000
8000
9000
10000
15000
20000
normal air pressure in kPa
80,0
70,0
62,0
54,0
47,0
41,0
35,5
30,5
26,5
12,0
5,5
multiplication factor for distances
1,00
1,14
1,29
1,48
1,70
1,95
2,25
2,62
3,02
6,67
14,50
minimum clearance in air at installation heights of up to 2000 m above sea leavel (NN)
1)This voltage is
- for functional insulation:
the maximum impulse voltage expected to occur across the clearance
- for basic insulation directly exposed by transient overvoltages
- for other basic insulation
_) Preferred values
0,33 _)
0,40
0,5 _)
0,60
0,80 _)
1,0
1,2
1,5 _)
2,0
2,5 _)
3,0
4,0 _)
5,0
6,0 _)
8,0 _)
10
12 _)
15
20
25
30
40
50
60
80
100
"rated surge
voltage [kV]"
case A
inhomogenous field)
degree of pollution
case B
homogenous field)
degree of pollution
1
(mm)
2
(mm)
3
(mm)
4
(mm)
1
(mm)
2
(mm)
3
(mm)
4
(mm)
0,01
0,02
0,04
0,06
0,10
0,15
0,25
0,5
1,0
1,5
2
3
4
5,5
8
11
14
18
25
33
40
60
75
90
130
170
_)
0,2
0,25
0,5
1,0
1,5
2
3
4
5,5
8
11
14
18
25
33
40
60
75
90
130
170
0,80
1,0
1,5
2
3
4
5,5
8
11
14
18
25
33
40
60
75
90
130
170
1,6
2
3
4
5,5
8
11
14
18
25
33
40
60
75
90
130
170
0,01
0,02
0,04
0,06
0,10
0,15
0,2
0,3
0,45
0,6
0,8
1,2
1,5
2
3
3,5
4,5
5,5
8
10
12,5
17
22
27
35
45
_)
0,2
0,3
0,5
0,6
0,8
1,2
1,5
2
3
3,5
4,5
5,5
8
10
12,5
17
22
27
35
45
0,8
1,2
1,5
2
3
3,5
4,5
5,5
8
10
12,5
17
22
27
35
45
1,6
2
3
3,5
4,5
5,5
8
10
12,5
17
22
27
35
45
Factors for Height Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com