Electronic Components Datasheet Search
  English  ▼

X  

175196-2 Datasheet(PDF) 172 Page - List of Unclassifed Manufacturers

Part # 175196-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175196-2 Datasheet(HTML) 172 Page - List of Unclassifed Manufacturers

Back Button 175196-2 Datasheet HTML 168Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 169Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 170Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 171Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 172Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 173Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 174Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 175Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 176Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
170
Bezeichnung
Description
2-1103032-3
0-1102886-1
0-1102886-2
2-1103033-3
0-1102887-1
0-1102887-2
2xHD.64.Sti.C
2xHD.64.Bu.C
HEE.46.Sti.C
HEE.46.Sti.C.B47-92
HEE.46.Bu.C
HEE.46.Bu.C.B47-92
Bestell-Nr./Order No.
Stifteinsatz
Buchseneinsatz
Male insert
Female insert
Bestelltext
Designation
HD.128/HEE 92 Kontakteinsätze/Contact inserts
Baugröße/Size 12
Crimpanschluss für gestanzte HD.M Crimpkontakte (HD.128)
Crimpanschluss für gedrehte HVT Crimpkontakte (HEE 92)
Crimp terminal for stamped HD.M crimp contacts (HD.128)
Crimp terminal for screw machined HVT crimp contacts (HEE 92)
Kontaktzahlen
No. of contacts
250 V/10 A / 500 V/16 A
128/92 +
Passende Crimpkontakte siehe Seite 35/37, Passende Crimpwerkzeuge siehe Seite 35/37
Suitable Crimp contacts see page 35/37, Suitable Crimping tools see page 35/37
Stifteinsatz/Male insert
Buchseneinsatz/Female insert
Crimpanschluss/Crimp terminal
(2 x 64)/(2 x 46)
M3x10
33
27
M3
97
112
104
110
104
2-1103112-3
M3x10
33
27
M3
104
97
112
104
110
2-1103113-3
M3x10
33
27
M3
97
112
104
110
104
2-1103112-3
M3x10
33
27
M3
104
97
112
104
110
2-1103113-3
Anschlußseite Stift/
Contact arrangement
Male insert
Maßbild mm
Dimensions mm
Sti
Bu
M3x10
*19,5
A
B
C
D
E
27
*Abstand für sichere Kontaktgabe max. 21 mm
Sti
Bu
M3x10
A
B
C
D
E
16
*22,3
*Abstand für sichere Kontaktgabe max. 24 mm
Anschlußseite Buchse/
Contact arrangement
Female insert
Maße/Dimensions
AB
C
DE
mm
104
110
33
34
37
Maße/Dimensions
AB
C
DE
mm
104
110
33
35
35
HD.128
HEE.92
69
59
57
5658
5354 55
5152
4849 50
60
47
79
92
8990 91
88
87
85
8486
8182
70
80
83
23
33
24
14
46
44
4243
4041
3839
45
3637
35
34
13
1112
10
9
7 8
6
5
4
3
2
1
33
46
4344 45
4142
39
3840
3536
24
34
37
23
13
1011 12
80
70
83 82 81
60
47
5049 48
9
8
6
57
84
85
87
8886
4
2 3
14
1
91 90
92
79
89
51
52
54
5553
5857
69
59
56
69
59
57
5658
5354 55
5152
4849 50
60
47
79
92
8990 91
88
87
85
8486
8182
70
80
83
23
33
24
14
46
44
4243
4041
3839
45
3637
35
34
13
1112
10
9
7 8
6
5
4
3
2
1
33
46
4344 45
4142
39
3840
3536
24
34
37
23
13
1011 12
80
70
83 82 81
60
47
5049 48
9
8
6
57
84
85
87
8886
4
2 3
14
1
91 90
92
79
89
51
52
54
5553
5857
69
59
56
HD.128
HEE.92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com