Electronic Components Datasheet Search
  English  ▼

X  

175196-2 Datasheet(PDF) 190 Page - List of Unclassifed Manufacturers

Part # 175196-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175196-2 Datasheet(HTML) 190 Page - List of Unclassifed Manufacturers

Back Button 175196-2 Datasheet HTML 186Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 187Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 188Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 189Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 190Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 191Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 192Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 193Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 194Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
188
Kabelverschraubungen und Zubehör/Cable fittings and accessories
EMV-Kabelverschraubung
Schutz gegen elektromagnetische Beeinflussung
EMV-cable-fitting
Protect against electro-magnetic influence
IP 68
EMV.M16.MS
EMV.M20.MS
EMV.M25.MS
EMV.M32.MS
EMV.M40.MS
EMV.M50.MS
EMV.PG16
EMV.PG21
EMV.PG29
1-1102772-6
2-1102772-0
2-1102772-5
3-1102772-2
4-1102772-0
5-1102772-0
1-1106007-4
1-1106007-9
2-1106007-3
Bestelltext
Designation
Bestell-Nr.
Order No.
PG
16
21
29
EMV-Kabelverschraubung
EMV-cable fitting
Metr.
M16
M20
M25
M32
M40
M50
Bezeichnung
Description
D
~L1
L2
SW
Kabel ø
min max
M16
27
5
17
59
M20
30
6
22
8
13
M25
35
7
27
11
16
M32
40
8
34
15
21
M40
45
8
43
19
27
M50
50
9
55
26
35
L 1
L 2
SW
L 1
L 2
SW
L 1
L 2
SW
L 1
L 2
SW
D
~L1
L2
SW
Kabel ø
min max
PG 16
27
5
17
59
PG 21
30
6
22
8
13
PG 29
35
7
27
11
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com