Electronic Components Datasheet Search
  English  ▼

X  

323913 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 323913
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

323913 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 323913 Datasheet HTML 4Page - Tyco Electronics 323913 Datasheet HTML 5Page - Tyco Electronics 323913 Datasheet HTML 6Page - Tyco Electronics 323913 Datasheet HTML 7Page - Tyco Electronics 323913 Datasheet HTML 8Page - Tyco Electronics 323913 Datasheet HTML 9Page - Tyco Electronics 323913 Datasheet HTML 10Page - Tyco Electronics 323913 Datasheet HTML 11Page - Tyco Electronics 323913 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
14
Wire Size
Tongue
Dimensions
Wire
Part Numbers
Circular Mils
Material
Stud
Terminal
Insulation
[mm2]
Thickness
Size
W
C
E
L
Insulation
Diameter
Loose
Tape
Max.
Min.
Max.
Max.
Color
Max.
Piece
Mounted
6
.281
.250
.654
.797
Red
.140
31885
—
M3.5
7.14
6.35
16.61
20.24
3.56
.312
.281
.685
.844
Red
.125
31888
—
22-16
8
7.92
7.14
17.40
21.44
3.18
509-3,260
.033
M4
.312
.281
.685
.844
Red
.125
2-31888-12
—
[0.26-1.65]
0.84
7.92
7.14
17.40
21.44
3.18
.281
.250
.654
.797
Red
.125
31884
—
10
7.14
6.35
16.61
20.24
3.18
.312
.281
.685
.844
Red
.140
31891
—
7.92
7.14
17.40
21.44
3.56
.312
.250
.654
.813
Blue
.170
—
2-322238-1
16-14
7.92
6.35
16.61
20.65
4.32
2,050-5,180
.033
10
.312
.281
.685
.844
Blue
.150
—
51861-4
[1.04-2.62]
0.84
7.92
7.14
17.40
21.44
3.81
.343
.281
.685
.859
Blue
.170
31903
—
8.71
7.14
17.40
21.82
4.32
.343
.281
.961
1.135
Yellow/Blk.
.300
35363*
—
10
8.71
7.14
24.41
28.83
7.62
16-14HD1
1/4
.531
.437
1.117
1.385
Yellow/Blk.
.300
35362*
—
2,050-5,180
.050
M6
13.49
11.10
28.37
35.18
7.62
[1.04-2.62]
1.27
5/16
.531
.437
1.117
1.385
Yellow/Blk.
.300
35538
—
M8
13.49
11.10
28.37
35.18
7.62
1/2
1.250
1.000
1.680
2.308
Yellow/Blk.
.300
36485
—
M12
31.75
25.40
42.67
58.62
7.62
6
.375
.302
.982
1.172
Yellow
.300
35604
—
M3.5
9.53
7.67
24.94
29.77
7.62
8
.375
.302
.982
1.172
Yellow
.300
35605*
2-35605-2
M4
9.53
7.67
24.94
29.77
7.62
10
.375
.302
.982
1.172
Yellow
.300
35364*
2-35364-1
9.53
7.67
24.94
29.77
7.62
12-10
5mm3
.375
.302
.967
1.160
Yellow
.300
—
55157-2
5,180-13,100
.042
9.53
7.67
24.56
29.46
7.62
[2.62-6.64]
1.07
.500
.344
1.024
1.277
Yellow
.300
323763
2-323763-2
1/4
12.70
8.74
26.01
32.44
7.62
M6
.531
.468
1.148
1.416
Yellow
.300
35345*
2-35345-1
13.49
11.89
29.16
35.97
7.62
5/16
.531
.468
1.148
1.416
Yellow
.300
35346*
2-35346-1
M8
13.49
11.89
29.16
35.97
7.62
3/8
.593
.531
1.211
1.510
Yellow
.300
35478
1-35478-0
15.06
13.49
30.76
38.35
7.62
*Available in small packaging quantities.
1
Heavy duty for extra mechanical strength.
2
Terminal body plating— Gold per MIL-G-45204 Type II over Nickel per QQ-N-290.
3
#10 stud may be substituted.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Ring Tongue Terminals
(Vinyl)
Material
Insulation — Vinyl, UL 94V-0
Terminal Body and Metallic
Sleeve — Copper per ASTM B-152
Plating — Tin per ASTM B-545
except where noted.
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com