Electronic Components Datasheet Search
  English  ▼

X  

323913 Datasheet(PDF) 18 Page - Tyco Electronics

Part # 323913
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

323913 Datasheet(HTML) 18 Page - Tyco Electronics

Back Button 323913 Datasheet HTML 14Page - Tyco Electronics 323913 Datasheet HTML 15Page - Tyco Electronics 323913 Datasheet HTML 16Page - Tyco Electronics 323913 Datasheet HTML 17Page - Tyco Electronics 323913 Datasheet HTML 18Page - Tyco Electronics 323913 Datasheet HTML 19Page - Tyco Electronics 323913 Datasheet HTML 20Page - Tyco Electronics 323913 Datasheet HTML 21Page - Tyco Electronics 323913 Datasheet HTML 22Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
24
Short Spring Spade
Tongue Terminals
Material
Insulation — Nylon, UL 94V-2
Terminal Body — Phosphor Bronze
per ASTM B-139
Metallic Sleeve — Copper per
ASTM B-152
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72
Wire Size
Tongue
Dimensions
Wire
Part Numbers
Circular Mils
Material
Stud
Terminal
Insulation
[mm2]
Thickness
Size
W
C
E
L
X
Insulation
Diameter
Loose
Tape
Max.
Min.
Max.
Max.
Color
Max.
Piece
Mounted
2
.171
.206
.537
.651
.109
Yellow
.082
52921*
52921-1
M2
4.34
5.23
13.64
16.54
2.77
2.08
4
.203
.219
.550
.695
.140
Yellow
.082
52922*
52922-1
5.16
5.56
13.97
17.65
3.56
2.08
26-22
.020
5
.250
.203
.534
.679
.140
Yellow
.082
52923
52923-1
202-810
0.51
M3
6.35
5.16
13.56
17.25
3.56
2.08
[0.10-0.41]
6
.250
.203
.534
.679
.140
Yellow
.082
52924*
52924-1
M3.5
6.35
5.16
13.56
17.25
3.56
2.08
8
.375
.281
.612
.787
.170
Yellow
.082
52925
52925-1
M4
9.53
7.14
15.54
19.99
4.32
2.08
4
.203
.250
.654
.799
.140
Red
.125
52927*
52927-1
5.16
6.35
16.61
20.29
3.56
3.18
5
.250
.250
.654
.799
.140
Red
.125
52928*
52928-1
M3
6.35
6.35
16.61
20.29
3.56
3.18
.250
.250
.654
.799
.140
Red
.125
52929*
52929-1
6
6.35
6.35
16.61
20.29
3.56
3.18
M3.5
.250
.250
.654
.799
.140
Red
.140
—
52929-3
6.35
6.35
16.61
20.29
3.56
3.56
.244
.281
.725
.895
.170
Red
.140
—
55768-1
22-16
.033
6.20
7.14
18.42
22.73
4.32
3.56
509-3,260
0.84
8
.375
.281
.685
.860
.170
Red
.125
52930*
52930-1
[0.26-1.65]
M4
9.53
7.14
17.40
21.84
4.32
3.18
.375
.281
.685
.860
.170
Red
.140
—
52930-3
9.53
7.14
17.40
21.84
4.32
3.56
.406
.281
.685
.908
.218
Red
.125
52931*
52931-1
10
10.31
7.14
17.40
23.06
5.54
3.18
.406
.281
.685
.908
.218
Red
.140
—
52931-3
10.31
7.14
17.40
23.06
5.54
3.56
1/4
.625
.343
.747
1.033
.281
Red
.125
52933*
—
M6
15.88
8.71
18.97
26.24
7.14
3.18
5
.250
.250
.654
.799
.140
Blue
.170
52934*
52934-1
M3
6.35
6.35
16.61
20.29
3.56
4.32
.250
.250
.654
.799
.140
Blue
.170
52935*
52935-1
6
6.35
6.35
16.61
20.29
3.56
4.32
M3.5
.250
.250
.654
.799
.140
Blue
.182
52935-2*
52935-3
6.35
6.35
16.61
20.29
3.56
4.62
.375
.281
.685
.860
.170
Blue
.170
52936*
52936-1
16-14
.033
8
9.53
7.14
17.40
21.84
4.32
4.32
2,050-5,180
0.84
M4
.375
.281
.685
.860
.170
Blue
.182
52936-2
52936-3
[1.04-2.62]
9.53
7.14
17.40
21.84
4.32
4.62
.406
.281
.685
.908
.218
Blue
.170
52937*
52937-1
10
10.31
7.14
17.40
23.06
5.54
4.32
.406
.281
.685
.908
.218
Blue
.182
52937-2*
52937-3
10.31
7.14
17.40
23.06
5.54
4.62
1/4
.625
.343
.747
1.033
.281
Blue
.170
52939
—
M6
15.88
8.71
18.97
26.24
7.14
4.32
5
.250
.169
.770
.959
.184
Yellow
.250
52940*
52940-1
M3
6.35
4.29
19.56
24.36
4.67
6.35
6
.250
.174
.775
.959
.179
Yellow
.250
52941*
52941-1
M3.5
6.35
4.42
19.69
24.36
4.55
6.35
12-10
.042
8
.375
.276
.877
1.052
.170
Yellow
.250
52942*
52942-1
5,180-13,100
1.07
M4
9.53
7.01
22.28
26.72
4.32
6.35
[2.62-6.64]
10
.406
.276
.877
1.100
.218
Yellow
.250
52943*
52943-1
10.31
7.01
22.28
27.94
5.54
6.35
1/4
.625
.338
.939
1.225
.281
Yellow
.250
52945*
—
M6
15.88
8.59
23.85
31.12
7.14
6.35
*Available in small packaging quantities.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com