Electronic Components Datasheet Search
  English  ▼

X  

323913 Datasheet(PDF) 24 Page - Tyco Electronics

Part # 323913
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

323913 Datasheet(HTML) 24 Page - Tyco Electronics

Back Button 323913 Datasheet HTML 20Page - Tyco Electronics 323913 Datasheet HTML 21Page - Tyco Electronics 323913 Datasheet HTML 22Page - Tyco Electronics 323913 Datasheet HTML 23Page - Tyco Electronics 323913 Datasheet HTML 24Page - Tyco Electronics 323913 Datasheet HTML 25Page - Tyco Electronics 323913 Datasheet HTML 26Page - Tyco Electronics 323913 Datasheet HTML 27Page - Tyco Electronics 323913 Datasheet HTML 28Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
30
Tabs
Material
Insulation — Nylon, UL 94V-2
Terminal Body and Metallic
Sleeve — Copper per ASTM B-152
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72
Tongue
Dimensions
Wire
Part Numbers
Wire Size
Material
Style
Terminal
Insulation
Circular Mils
Thickness
W
C
L
D
Insulation
Diameter
Loose
[mm2]
Max.
Min.
Max.
Color
Max.
Piece
22-16
.033
.140
.480
.904
.140
509-3,260
A
—
Red
34294*
[0.26-1.65]
0.84
3.56
12.19
22.96
3.56
16-14
.033
.156
.375
.809
.170
2,050-5,180
B
—
Blue
327748
[1.04-2.62]
0.84
3.96
9.53
20.55
4.32
12-10
.042
.225
.600
1.194
.125
.230
5,180-13,100
C
Yellow
324543*
[2.62-6.64]
1.07
5.72
15.24
30.33
3.18
5.84
*Available in small packaging quantities.
Note: “C” dimension applies from edge of metal wire barrel to end of tab.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com