Electronic Components Datasheet Search
  English  ▼

X  

323913 Datasheet(PDF) 25 Page - Tyco Electronics

Part # 323913
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

323913 Datasheet(HTML) 25 Page - Tyco Electronics

Back Button 323913 Datasheet HTML 21Page - Tyco Electronics 323913 Datasheet HTML 22Page - Tyco Electronics 323913 Datasheet HTML 23Page - Tyco Electronics 323913 Datasheet HTML 24Page - Tyco Electronics 323913 Datasheet HTML 25Page - Tyco Electronics 323913 Datasheet HTML 26Page - Tyco Electronics 323913 Datasheet HTML 27Page - Tyco Electronics 323913 Datasheet HTML 28Page - Tyco Electronics 323913 Datasheet HTML 29Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
31
PIDG (Pre-Insulated Diamond Grip) (Continued)
Butt Splices
Material
Insulation Sleeve —
Standard, Step Down Assembly and
Special – Nylon
Radiation Resistant –
Polyvinylidene Fluoride (PVF
2)
Splice Body and Insulation Support
Sleeve — Copper per ASTM B-152
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72
Wire Size
Dimension
Splice
Wire Insulation
Part Numbers
Circular Mils2
Style
L
Insulation
Diameter
Loose
Tape
[mm2]
Max.
Color
Max.
Piece
Mounted
26-243
.890
.082
238-475
Yellow
323994
2-323994-1
[0.12-0.24]
22.61
2.08
26-22
.890
.082
202-810
Yellow
2-323994-2*
—
[0.10-0.41]
22.61
2.08
24-20
1.035
.100
320-1,290
Natural
323975
2-323975-3
[0.16-0.65]
26.29
2.54
22-164
1.265
.125
509-3,260
Red
320559*
2-320559-4
[0.26-1.65]
32.13
3.18
16-14
1.265
.150
2,050-5,180
Blue
320562*
2-320562-3
[1.04-2.62]
32.13
3.81
12-10
1.656
.220
5,180-13,100
Yellow
320570*
2-320570-3†
[2.62-6.64]
42.06
5.59
16-14
22-18
1.265
.150/.115
2,050-5,180 to 509-1,900
32.13
Blue
3.81/2.92
327583
2-327583-1
[1.04-2.62]
[0.26-0.96]
12-10
22-18
1.656
.220/.140
5,180-13,100 to 509-1,900
42.06
Yellow
5.59/3.56
327639
—
[2.62-6.64]
[0.26-0.96]
12-10
16-14
1.656
.220/.170
5,180-13,100 to2,050-5,180
42.06
Yellow
5.59/4.32
327638
—
[2.62-6.64]
[1.04-2.62]
26-243
Radiation
.890
Natural w/
.082
238-475
53546-1
—
[0.12-0.24]
Resistant
22.61
Yellow Stripes
2.08
26-22
Radiation
.890
Natural w/
.082
202-810
53546-3
—
[0.10-0.41]
Resistant
22.61
Yellow Stripes
2.08
24-20
1.035
Natural w/
.100
320-1,290
53547-1
53547-2
[0.16-0.65]
26.29
White Stripes
2.54
22-164
1.265
Natural w/
.125
509-3,260
53548-1*
53548-2
[0.26-1.65]
32.13
Red Stripes
3.18
16-14
1.265
Natural w/
.150
2,050-5,180
53549-1*
53549-2
[1.04-2.62]
32.13
Blue Stripes
3.81
12-10
1.656
Natural w/
.220
5,180-13,100
53550-1*
—
[2.62-6.64]
42.06
Yellow Stripes
5.59
12-10
1.245
.220
5,180-13,100
Special
Yellow
3289615
—
[2.62-6.64]
31.62
5.59
*Available in small packaging quantities.
1
Includes adapter insert.
2
When using two or more wires in either end of a butt splice, the combined cross sectional area must be within the (CMA) circular mil area range listed.
3
26-24 range in accordance with MIL-T-7928.
4
22-16 splices are 22-18 range in accordance with MIL-T-7928.
5
12-10 butt splice, threaded 8-32 one end.
†
Tapetronic only.
Standard
Step Down
Assembly
Radiation
Resistant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com