Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2201 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2201
Description  Very High CMR, Wide VCC Logic Gate Optocouplers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2201 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2201 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
T
S
-55
125
°C
Operating Temperature
T
A
-40
85
°C
Average Forward Input Current
I
F(AVG)
10
mA
1
Peak Transient Input Current
(≤ 1 µs Pulse Width, 300 pps)
I
F(TRAN)
1.0
A
1
(≤ 200 µs Pulse Width,
HCNW22XX
40
mA
< 1% Duty Cycle)
Reverse Input Voltage
V
R
5
V
1
HCNW22XX
3
Average Output Current
I
O
25
mA
1
Supply Voltage
V
CC
0
20
V
Output Voltage
V
O
-0.5
20
V
1
Total Package Power Dissipation
P
T
210
mW
2
HCPL-223X
294
Output Power Dissipation
P
O
See Figure 7
1
Lead Solder Temperature (Through Hole Parts Only)
260°C for 10 sec.,
1.6 mm below seating plane
HCNW22XX
260°C for 10 sec., up to seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings section
(Surface Mount Parts Only)
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
V
CC
4.5
20
V
Forward Input Current (ON)
I
F(ON)
1.6*
5
mA
HCPL-223X
1.8†
Forward Input Voltage (OFF)
V
F(OFF)
-
0.8
V
Operating Temperature
T
A
-40
85
°C
Junction Temperature
T
J
-40
125
°C
Fan Out
N
4
TTL Loads
*The initial switching threshold is 1.6 mA or less. It is recommended that 2.2 mA be used to permit at least a 20% LED degradation guardband.
†The initial switching threshold is 1.8 mA or less. It is recommended that 2.5 mA be used to permit at least a 20% LED degradation guardband.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com