Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2201 Datasheet(PDF) 15 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2201
Description  Very High CMR, Wide VCC Logic Gate Optocouplers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2201 Datasheet(HTML) 15 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2201 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
-60
50
TA – TEMPERATURE – °C
100
200
HCPL-2201 fig 6b
250
-20
100
20
60
-40
0
40
80
150
HCNW22XX
VCC = 5.0 V, 20 V
C1 (120 pF) PEAKING CAPACITOR
IS USED. SEE FIGURE 5.
5
3
1.6
1.6,
5
IF (mA)
tPHL
tPLH
Figure 6. Typical propagation delays vs. temperature.
Figure 7. Maximum output power per channel
vs. supply voltage.
0
0
VCC – SUPPLY VOLTAGE – V
20
15
HCPL-2201 fig 8
20
5
5
10
15
10
TYPICAL
VOH vs. VCC
AT IO = -2.6 mA
TA = 25 °C
-60
0
TA – TEMPERATURE – °C
100
HCPL-2201 fig 9
100
-20
40
20
60
-40
0
40
80
60
80
20
tr
VCC = 5 V
tf
Figure 8. Typical logic high output voltage vs.
supply voltage.
Figure 9. Typical rise, fall time vs. temperature.
Figure 10. Test circuit for common mode transient immunity and typical waveforms.
VCM (PEAK)
OUTPUT VO
HCPL-2201 fig 10c
* SEE NOTE 7, 9.
** IF = 1.8 mA FOR HCPL-2231/32 DEVICES.
0 V
VOH
|VCM|
VOL
VO (MAX.)*
VO (MIN.)*
SWITCH AT A: IF = 1.6 mA**
SWITCH AT B: VF = 0 V
VCM (PEAK)
OUTPUT VO
HCPL-2201 fig 10c
* SEE NOTE 7, 9.
** IF = 1.8 mA FOR HCPL-2231/32 DEVICES.
0 V
VOH
|VCM|
VOL
VO (MAX.)*
VO (MIN.)*
SWITCH AT A: IF = 1.6 mA**
SWITCH AT B: VF = 0 V
-60
50
TA – TEMPERATURE – °C
100
200
HCPL-2201 fig 6a
250
-20
100
20
60
-40
0
40
80
150
IF (mA)
HCPL-22XX
HCPL-02XX
5
3
1.6*
1.6*
- 5
tPLH
tPHL
VCC = 5.0 V, 20 V
C1 (120 pF) PEAKING
CAPACITOR IS USED.
SEE FIGURE 5.
*IF = 1.8 mA FOR HCPL-223X
DEVICES.
0
0
VCC – SUPPLY VOLTAGE – V
20
60
HCPL-2201 fig 7
80
5
20
10
TA = 75 °C
15
40
TA = 85 °C
TA =
80°C
7
1
4
5
6
8
HCPL-2201/11
HCPL-02XX
HCNW22XX
HCPL-2201 fig 10a
0.1 µF
BYPASS
OUTPUT VO
MONITORING
NODE
VCC
RIN
2
3
VFF
A
B
–
+
VCM
PULSE GENERATOR
–
+
7
4
5
6
8
HCPL-2231/32
HCPL-2201 fig 10b
0.1 µF
BYPASS
OUTPUT VO
MONITORING
NODE
VCC
2
3
VFF
A
B
–
+
VCM
PULSE GENERATOR
1
+
–
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com