Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2201 Datasheet(PDF) 16 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2201
Description  Very High CMR, Wide VCC Logic Gate Optocouplers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2201 Datasheet(HTML) 16 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2201 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HCPL-2201 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
HCPL-2201 fig 12a
0
0
TS – CASE TEMPERATURE – °C
200
50
400
125
25
75 100
150
600
800
200
100
300
500
700
PS (mW)
IS (mA)
HCPL-2211/2212 OPTION 060
175
Figure 11. Typical input threshold current vs. temperature.
Figure 12. Thermal derating curve, dependence of safety limiting value with case temperature per IEC/EN/DIN EN 60747-5-2.
Figure 13a. Recommended LSTTL to LSTTL circuit where 500 ns propagation delay is sufficient.
HCPL-2201 fig 13a
1
8
2
7
3
6
4
5
1
2
HCPL-2201/11
HCPL-02XX
HCNW22XX
DATA INPUT
TTL OR LSTTL
VCC2 (+5 V)
UP TO 16 LSTTL LOADS
OR 4 TTL LOADS
*
* 0.1 µF BYPASS
1.1 k
Ω
VCC1 (+5 V)
DATA OUTPUT
-60
0.5
TA – TEMPERATURE – °C
100
HCPL-2201 fig 11a
1.0
-20
0.7
20
60
-40
0
40
80
0.8
0.9
0.6
VCC = 5.0 V
VCC = 20 V
HCPL-22XX
HCPL-02XX
IF (ON)
IF (OFF)
IF (ON)
IF (OFF)
-60
0.5
TA – TEMPERATURE – °C
100
HCPL-2201 fig 11b
1.0
-20
0.7
20
60
-40
0
40
80
0.8
0.9
0.6
VCC = 5.0 V
VCC = 20 V
HCNW22XX
IF (ON)
IF (OFF)
IF (ON)
IF (OFF)
0
0
TS – CASE TEMPERATURE – °C
175
HCPL-2201 fig 12b
1000
50
400
125
25
75 100
150
600
800
200
100
300
500
700
900
PS (mW)
IS (mA)
HCNW22XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com