Electronic Components Datasheet Search
  English  ▼

X  

320552 Datasheet(PDF) 15 Page - Tyco Electronics

Part # 320552
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

320552 Datasheet(HTML) 15 Page - Tyco Electronics

Back Button 320552 Datasheet HTML 11Page - Tyco Electronics 320552 Datasheet HTML 12Page - Tyco Electronics 320552 Datasheet HTML 13Page - Tyco Electronics 320552 Datasheet HTML 14Page - Tyco Electronics 320552 Datasheet HTML 15Page - Tyco Electronics 320552 Datasheet HTML 16Page - Tyco Electronics 320552 Datasheet HTML 17Page - Tyco Electronics 320552 Datasheet HTML 18Page - Tyco Electronics 320552 Datasheet HTML 19Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
21
Rectangular Tongue
Terminals
(Insulation Restricting)
Material
Insulation — Nylon, UL 94V-2
Terminal Body — Copper per
ASTM B-152
Plating — Tin per ASTM B-545
Metallic Sleeve — Copper per
ASTM B-152
Plating — Nickel per QQ-N-290
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72
Wire Size
Tongue
Dimensions
Terminal
Wire
Part Numbers
Circular Mils
Material
Stud
Insulation
Insulation
[mm2]
Thickness
Size
W
C
E
L
X
Color
Diameter
Loose
Max.
Min.
Max.
Max.
Solid/Stripe
Range
Piece
24
.020
6
.312
.308
.683
.875
.187
.031-.055
475
Yellow/Blue
2-326876-2
[0.24]
0.51
M3.5
7.92
7.82
17.35
22.23
4.75
0.79-1.40
5
.277
.277
.934
1.087
.143
Yellow/Brown
.119-.200
53912-2
10
.042
M3
7.04
7.04
23.72
27.61
3.63
3.02-5.08
12,066
1.07
8
.390
.621
1.276
1.596
.310
Yellow/Brown
.119-.200
53914-2
[6.11]
M4
9.91
15.77
32.41
40.54
7.87
3.02-5.08
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Wire Size
Tongue
Dimensions
Wire
Part Numbers
Circular Mils
Material
Stud
Terminal
Insulation
[mm2]
Thickness
Size
W
C
E
L
X
Insulation
Diameter
Loose
Tape
Max.
Min.
Max.
Max.
Color
Max.
Piece
Mounted
26-24
.029
6
.250
.211
.632
.709
.072
.095
238-475
Yellow
—
53115-2
[0.12-0.24]
0.74
M3.5
6.35
5.36
16.05
18.01
1.83
2.41
0
.125
.078
.409
.476
.062
Yellow
.082
322001
—
26-22
.020
3.18
1.98
10.39
12.09
1.57
2.08
202-810
0.51
4
.203
.211
.542
.627
.076
Yellow
.082
321035*
2-321035-1
[0.10-0.41]
5.16
5.36
13.77
15.93
1.93
2.08
2
.182
.203
.607
.727
.115
Red
.140
328394*
2-328394-1
M2
4.62
5.16
15.42
18.47
2.92
3.56
.218
.156
.560
.674
.109
Red
.125
1-327717-0
—
4
5.54
3.96
14.22
17.12
2.77
3.18
.218
.156
.560
.674
.109
Red
.140
327717*
1-327717-2
5.54
3.96
14.22
17.12
2.77
3.56
.250
.312
.716
.846
.125
Red
.140
34541*
2-34541-1
6.35
7.92
18.19
21.49
3.18
3.56
.297
.203
.607
.753
.141
Red
.125
34080*
2-34080-1
7.54
5.16
15.42
19.13
3.58
3.18
6
.297
.203
.607
.753
.141
Red
.140
326861*
2-326861-1
22-16
.033
M3.5
7.54
5.16
15.42
19.13
3.58
3.56
509-3,260
0.84
.344
.218
.622
.783
.156
Red
.125
32403
—
[0.26-1.65]
8.74
5.54
15.80
19.89
3.96
3.18
.344
.218
.622
.783
.156
Red
.140
32404
2-32404-1
8.74
5.54
15.80
19.89
3.96
3.56
.375
.312
.716
.908
.187
Red
.125
32050*
2-32050-1
8
9.53
7.92
18.19
23.06
4.75
3.18
M4
.375
.312
.716
.908
.187
Red
.140
32053*
2-32053-1
9.53
7.92
18.19
23.06
4.75
3.56
.375
.312
.716
.908
.187
Red
.125
32051*
2-32051-1
10
9.53
7.92
18.19
23.06
4.75
3.18
.375
.312
.716
.908
.187
Red
.140
32054*
2-32054-1
9.53
7.92
18.19
23.06
4.75
3.56
*Available in small packaging quantities.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Spade Tongue
Terminals
Material
Insulation — Nylon, UL 94V-2
Terminal Body and Metallic
Sleeve — Copper per ASTM B-152
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com