Electronic Components Datasheet Search
  English  ▼

X  

320552 Datasheet(PDF) 16 Page - Tyco Electronics

Part # 320552
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

320552 Datasheet(HTML) 16 Page - Tyco Electronics

Back Button 320552 Datasheet HTML 12Page - Tyco Electronics 320552 Datasheet HTML 13Page - Tyco Electronics 320552 Datasheet HTML 14Page - Tyco Electronics 320552 Datasheet HTML 15Page - Tyco Electronics 320552 Datasheet HTML 16Page - Tyco Electronics 320552 Datasheet HTML 17Page - Tyco Electronics 320552 Datasheet HTML 18Page - Tyco Electronics 320552 Datasheet HTML 19Page - Tyco Electronics 320552 Datasheet HTML 20Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
22
Wire Size
Tongue
Dimensions
Wire
Part Numbers
Circular Mils
Material
Stud
Terminal
Insulation
[mm2]
Thickness
Size
W
C
E
L
X
Insulation
Diameter
Loose
Tape
Max.
Min.
Max.
Max.
Color
Max.
Piece
Mounted
Spade Tongue
Terminals (Continued)
.244
.312
.716
.846
.125
Blue
.170
328281*
1-328281-1
6.20
7.92
18.19
21.49
3.18
4.32
6
.297
.203
.607
.753
.141
Blue
.170
35559*
2-35559-1
M3.5
7.54
5.16
15.42
19.13
3.58
4.32
.385
.312
.716
.908
.187
Blue
.170
32058*
—
9.78
7.92
18.19
23.06
4.75
4.32
.297
.203
.607
.753
.141
Blue
.170
321233*
2-321233-1
7.54
5.16
15.42
19.13
3.58
4.32
16-14
.033
.312
.375
.779
1.034
.250
Blue
.170
325199
—
2,050-5,180
0.84
8
7.92
9.53
19.79
26.26
6.35
4.32
[1.04-2.62]
M4
.385
.312
.716
.908
.187
Blue
.150
32056*
2-32056-1
9.78
7.92
18.19
23.06
4.75
3.81
.385
.312
.716
.908
.187
Blue
.170
32059*
2-32059-1
9.78
7.92
18.19
23.06
4.75
4.32
.385
.312
.716
.908
.187
Blue
.150
32057
—
10
9.78
7.92
18.19
23.06
4.75
3.81
.385
.312
.716
.908
.187
Blue
.170
32060*
2-32060-1
9.78
7.92
18.19
23.06
4.75
4.32
.290
.218
.809
.954
.140
Yellow
.230
322985*
1-322985-0
6
7.37
5.54
20.55
24.23
3.56
5.84
M3.5
.312
.296
.887
1.095
.203
Yellow
.230
326859*
2-326859-1
7.92
7.52
22.53
27.81
5.16
5.84
.312
.468
1.059
1.314
.250
Yellow
.230
325197
—
12-10
.042
7.92
11.89
26.90
33.38
6.35
5.84
5,180-13,100
1.07
8
.406
.296
.887
1.095
.203
Yellow
.230
32588*
2-32588-1
[2.62-6.64]
M4
10.31
7.52
22.53
27.81
5.16
5.84
.406
.296
.887
1.095
.203
Yellow
.250
35152*
2-35152-1
10.31
7.52
22.53
27.81
5.16
6.35
10
.406
.296
.887
1.095
.203
Yellow
.230
32589*
2-32589-1
10.31
7.52
22.53
27.81
5.16
5.84
*Available in small packaging quantities.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Material
Insulation — Nylon, UL 94V-2
Terminal Body and Metallic
Sleeve — Copper per ASTM B-152
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com