Electronic Components Datasheet Search
  English  ▼

X  

320552 Datasheet(PDF) 22 Page - Tyco Electronics

Part # 320552
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

320552 Datasheet(HTML) 22 Page - Tyco Electronics

Back Button 320552 Datasheet HTML 18Page - Tyco Electronics 320552 Datasheet HTML 19Page - Tyco Electronics 320552 Datasheet HTML 20Page - Tyco Electronics 320552 Datasheet HTML 21Page - Tyco Electronics 320552 Datasheet HTML 22Page - Tyco Electronics 320552 Datasheet HTML 23Page - Tyco Electronics 320552 Datasheet HTML 24Page - Tyco Electronics 320552 Datasheet HTML 25Page - Tyco Electronics 320552 Datasheet HTML 26Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
28
Offset Ring Tongue
Terminals
(Insulation Restricting)
Material
Insulation — Nylon, UL 94V-2
Terminal Body and Metallic
Sleeve — Copper per ASTM B-152
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72
Wire Size
Tongue
Dimensions
Terminal
Wire
Part Numbers
Circular Mils
Material
Stud
Insulation
Insulation
[mm2]
Thickness
Size
W
C
E
L
Color
Diameter
Loose
Max.
Min.
Max.
Max.
Solid/Stripe
Range
Piece
22
.033
6
.375
.312
.758
.946
.038-.110
754
Red/Green
52284-4
[0.38]
0.84
M3.5
9.53
7.92
19.25
24.03
0.97-2.79
6
.375
.312
.758
.946
Red/Red
.046-.110
52284-2
20
.033
M3.5
9.53
7.92
19.25
24.03
1.17-2.79
1,186
0.84
10
.375
.312
.758
.946
Red/Red
.046-.110
52284-3
[0.60]
9.53
7.92
19.25
24.03
1.17-2.79
16
.033
6
.375
.312
.748
.938
.063-.130
2,800
Blue/Blue
52283-2
[1.42]
0.84
M3.5
9.53
7.92
19.00
23.83
1.60-3.30
14
.033
.375
.312
.748
.938
.078-.130
4,234
10
Blue/Green
52283-1
[2.15]
0.84
9.53
7.92
19.00
23.83
1.98-3.30
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com