Electronic Components Datasheet Search
  English  ▼

X  

320552 Datasheet(PDF) 28 Page - Tyco Electronics

Part # 320552
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

320552 Datasheet(HTML) 28 Page - Tyco Electronics

Back Button 320552 Datasheet HTML 22Page - Tyco Electronics 320552 Datasheet HTML 23Page - Tyco Electronics 320552 Datasheet HTML 24Page - Tyco Electronics 320552 Datasheet HTML 25Page - Tyco Electronics 320552 Datasheet HTML 26Page - Tyco Electronics 320552 Datasheet HTML 27Page - Tyco Electronics 320552 Datasheet HTML 28Page - Tyco Electronics 320552 Datasheet HTML 29Page - Tyco Electronics 320552 Datasheet HTML 30Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG FASTON (Continued)
34
Receptacles
Material
Insulation — Nylon, UL 94V-2
Receptacle Body — Brass per
ASTM B-36 or Phosphor Bronze per
ASTM B-139
Plating — Tin per ASTM B-545
except where noted.
Metallic Sleeve — Copper per
ASTM B-152
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 73
Wire Size
Dimensions
Terminal
Wire
Fits
Part Numbers
Series
Circular Mils
Style
W
L
Insulation
Insulation
Recept.
Stock
Tab
Loose
Tape
Strip
[mm2]
Nom.
Max.
Color
Diameter
Matl.
Thk.
Thk.
Piece
Mounted
Form
Max.
.300
.900
Red
.140
Brass
.018
.032
640903-1* 640903-2 640902-1
22-18
B
7.62
22.86
3.56
0.46
0.81
509-1,900
.300
.900
Red
.140
Brass
.018
.032
55675-12
55675-22
—
[0.26-0.96]
7.62
22.86
3.56
0.46
0.81
16-14
.300
.900
.170
.018
.032
2,050-5,180
B
Blue
Brass
640905-1* 640905-2 640904-1
[1.04-2.62]
7.62
22.86
4.32
0.46
0.81
.250
.300
1.012
Green
.250
Brass
.018
.032
42844-1*†
42844-3†
60544-3†
14-12
B
7.62
25.70
6.35
0.46
0.81
3,831-6,4701
.300
1.012
Green
.250
Phos. Brz.
.018
.032
42844-2*†
—
—
[1.94-3.28]
7.62
25.70
6.35
0.46
0.81
.300
1.012
Yellow
.250
Brass
.018
.032
640907-1* 640907-2 640906-1
12-10
B
7.62
25.70
6.35
0.46
0.81
5,180-13,100
.300
1.012
Yellow
.250
Phos. Brz.
.018
.032
61198-2
61198-4
—
[2.62-6.64]
7.62
25.70
6.35
0.46
0.81
22-18
.300
.900
.145
.016
.032
.250
509-1,900
Red
Brass
184262-1
184262-2 184261-1
Low
[0.26-0.96]
7.62
22.86
3.68
.406
.813
Insertion
16-14
.300
.900
.173
.016
.032
2,050-5,180
Blue
Brass
184265-1
184265-2 184264-1
[1.04-2.62]
7.62
22.86
4.39
.406
.813
.250
.800
Red
.135
Brass
.016
.020
696018-1
696018-2
—
6.35
20.32
3.43
0.41
0.51
.250
.800
Red
.140
Brass
.016
.020
640909-1* 640909-2 640908-1
22-18
6.35
20.32
3.56
0.41
0.51
509-1,900
B
.250
.800
Red/Black
.140
Brass
.016
.020
640174-1
—
—
[0.26-0.96]
6.35
20.32
3.56
0.41
0.51
.205
.250
.800
Red
.140
Brass
.016
.032
640911-1* 640911-2 640910-1
6.35
20.32
3.56
0.41
0.81
.250
.800
Blue
.170
Brass
.016
.020
640913-1* 640913-2
—
16-14
B
6.35
20.32
4.32
0.41
0.51
2,050-5,180
.250
.800
Blue
.170
Brass
.016
.032
640915-1* 640915-2
—
[1.04-2.62]
6.35
20.32
4.32
0.41
0.81
26-24
.230
.700
.082
.016
.020
238-475
B
Yellow
Brass
641321-1*† 641321-2† 641320-1†
.187
[0.12-0.24]
5.84
17.78
2.08
0.41
0.51
.230
.800
Red
.140
Brass
.016
.020
640917-1* 640917-2 640916-1
22-18
B
5.84
20.32
3.56
0.41
0.51
509-1,900
.230
.800
Red
.140
Brass
.016
.040
—
640578-2†
—
[0.26-0.96]
5.84
20.32
3.56
0.41
1.02
Receptacle Style:
A — No dimple with wire stop
B — Dimple with wire stop
C — No dimple, no wire stop
†Not ULor CSAapproved or listed.
*Available in small packaging quantities.
1
Wire range is limited as noted.
2
Unplated receptacle body.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com