Electronic Components Datasheet Search
  English  ▼

X  

LMV712LD Datasheet(PDF) 5 Page - Texas Instruments

Part # LMV712LD
Description  LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV712LD Datasheet(HTML) 5 Page - Texas Instruments

  LMV712LD Datasheet HTML 1Page - Texas Instruments LMV712LD Datasheet HTML 2Page - Texas Instruments LMV712LD Datasheet HTML 3Page - Texas Instruments LMV712LD Datasheet HTML 4Page - Texas Instruments LMV712LD Datasheet HTML 5Page - Texas Instruments LMV712LD Datasheet HTML 6Page - Texas Instruments LMV712LD Datasheet HTML 7Page - Texas Instruments LMV712LD Datasheet HTML 8Page - Texas Instruments LMV712LD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LMV712-N
www.ti.com
SNOS534G – MAY 2004 – REVISED MARCH 2010
5V Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for V
+ = 5V, V − = 0V, V
CM = 2.5V and TA = 25°C and RL > 1MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
Typ
Max
Units
(1)
(2)
(1)
4.92
4.98
RL = 10kΩ to 2.5V
V
4.90
0.01
0.12
V
0.15
VO
Output Swing
4.82
4.85
RL = 600Ω to 2.5V
V
4.80
0.05
0.23
V
0.30
VO(SD)
Output Voltage in Shutdown
10
200
mV
1.17
1.7
On Mode
mA
1.9
IS
Supply Current per Channel
0.12
1.5
Shutdown Mode
uA
2.0
Sourcing
RL = 10kΩ
80
130
dB
VO = 2.5V to 4.6V
76
Sinking
RL = 10kΩ
80
130
dB
VO = 0.4V to 2.5V
76
AVOL
Large Signal Voltage Gain
Sourcing
RL = 600Ω
80
110
dB
VO = 2.5V to 4.6V
76
Sinking
RL = 600Ω
80
107
dB
VO = 0.4V to 2.5V
76
On Mode
4.5 to 5
3.5 to 5
V
VSD
Shutdown Pin Voltage Range
Shutdown Mode
0 to 0.8
0 to 1.5
V
GBWP
Gain-Bandwidth Product
5
MHz
SR
Slew Rate
(3)
5
V/µs
φm
Phase Margin
60
Deg
en
Input Referred Voltage Noise
f = 1kHz
20
nV/
√Hz
1.6
4
Turn-On Time for Shutdown
μs
4.6
TON
6
Turn-On Time for Shutdown
DSBGA
μs
8
(3)
Number specified is the slower of the positive and negative slew rates.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV712-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com