Electronic Components Datasheet Search
  English  ▼

X  

LMV712LD Datasheet(PDF) 7 Page - Texas Instruments

Part # LMV712LD
Description  LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV712LD Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV712LD Datasheet HTML 3Page - Texas Instruments LMV712LD Datasheet HTML 4Page - Texas Instruments LMV712LD Datasheet HTML 5Page - Texas Instruments LMV712LD Datasheet HTML 6Page - Texas Instruments LMV712LD Datasheet HTML 7Page - Texas Instruments LMV712LD Datasheet HTML 8Page - Texas Instruments LMV712LD Datasheet HTML 9Page - Texas Instruments LMV712LD Datasheet HTML 10Page - Texas Instruments LMV712LD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
0
10
20
30
40
50
100
10
100
1k
10k
100k
FREQUENCY (Hz)
60
70
80
90
1M
NEGATIVE
POSITIVE
0
10
20
30
40
50
100
10
100
1k
10k
100k
FREQUENCY (Hz)
60
70
80
90
1M
NEGATIVE
POSITIVE
0
1
2
3
4
5
-10
0
10
20
30
40
50
60
70
80
90
VOUT (V)
85°C
25°C
-40°C
-0.3
0.2
0.7
1.2
1.7
2.2
2.7
VOUT (V)
-10
0
10
20
30
40
50
60
70
85°C
25°C
-40°C
-0.3
0.2
0.7
1.2
1.7
2.2
2.7
VOUT FROM V
+
(V)
0
5
10
15
20
25
30
85°C
25°C
-40°C
85°C
25°C
-40°C
0
1
2
3
4
5
0
5
10
15
20
25
30
35
VOUT (V)
LMV712-N
www.ti.com
SNOS534G – MAY 2004 – REVISED MARCH 2010
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
Sourcing Current
Sourcing Current
vs.
vs.
Output Voltage, VS = 2.7V
Output Voltage, VS = 5V
Figure 8.
Figure 9.
Sinking Current
Sinking Current
vs.
vs.
Output Voltage, VS = 2.7V
Output Voltage, VS = 5V
Figure 10.
Figure 11.
PSRR
PSRR
vs.
vs.
Frequency VS = 2.7V
Frequency VS = 5V
Figure 12.
Figure 13.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMV712-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com