Electronic Components Datasheet Search
  English  ▼

X  

LMV712LD Datasheet(PDF) 10 Page - Texas Instruments

Part # LMV712LD
Description  LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV712LD Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV712LD Datasheet HTML 6Page - Texas Instruments LMV712LD Datasheet HTML 7Page - Texas Instruments LMV712LD Datasheet HTML 8Page - Texas Instruments LMV712LD Datasheet HTML 9Page - Texas Instruments LMV712LD Datasheet HTML 10Page - Texas Instruments LMV712LD Datasheet HTML 11Page - Texas Instruments LMV712LD Datasheet HTML 12Page - Texas Instruments LMV712LD Datasheet HTML 13Page - Texas Instruments LMV712LD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
0
1
2
3
4
5
10
12
14
16
18
20
22
24
26
28
30
VCM (V)
CCM TO GROUND
FMEAS = 1MHz
FOLLOWER CONFIG
VOUT FOLLOWS VIN (VCM)
TIME (2µs/div)
TIME (500ns/div)
TIME (500ns/div)
TIME (500ns/div)
TIME (500ns/div)
LMV712-N
SNOS534G – MAY 2004 – REVISED MARCH 2010
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
Inverting Large Signal Pulse Response, VS = 2.7V
Inverting Large Signal Pulse Response, VS = 5V
Figure 26.
Figure 27.
Inverting Small Signal Pulse Response, VS = 2.7V
Inverting Small Signal Pulse Response VS = 5V
Figure 28.
Figure 29.
Input Common Mode Capacitance
vs.
Turn on Time Response VS = 5V
VCM VS = 5V
Figure 30.
Figure 31.
10
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Links: LMV712-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com