Electronic Components Datasheet Search
  English  ▼

X  

LM3402HV Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3402HV
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3402HV Datasheet(HTML) 4 Page - Texas Instruments

  LM3402HV Datasheet HTML 1Page - Texas Instruments LM3402HV Datasheet HTML 2Page - Texas Instruments LM3402HV Datasheet HTML 3Page - Texas Instruments LM3402HV Datasheet HTML 4Page - Texas Instruments LM3402HV Datasheet HTML 5Page - Texas Instruments LM3402HV Datasheet HTML 6Page - Texas Instruments LM3402HV Datasheet HTML 7Page - Texas Instruments LM3402HV Datasheet HTML 8Page - Texas Instruments LM3402HV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LM3402, LM3402HV
SNVS450E – SEPTEMBER 2006 – REVISED MAY 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS(LM3402HV)
(1)
VALUE / UNIT
VIN to GND
−0.3V to 76V
BOOT to GND
−0.3V to 90V
SW to GND
−1.5V
BOOT to VCC
−0.3V to 76V
BOOT to SW
−0.3V to 14V
VCC to GND
−0.3V to 14V
DIM to GND
−0.3V to 7V
CS to GND
−0.3V to 7V
RON to GND
−0.3V to 7V
Junction Temperature
150°C
Storage Temp. Range
−65°C to 125°C
ESD Rating (2)
2kV
Soldering Information
Lead Temperature (Soldering, 10sec)
260°C
Infrared/Convection Reflow (15sec)
235°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see Electrical Characteristics.
(2)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
OPERATING RATINGS(LM3402HV)
(1)
VALUE UNIT
VIN
6V to 75V
Junction Temperature Range
–40°C to +125°C
Thermal Resistance
θJA (VSSOP-8 Package)
(2)
200°C/W
Thermal Resistance
θJA (SO PowerPAD-8 Package)
(3)
50°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see Electrical Characteristics.
(2)
VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
(3)
θJA of 50°C/W with DAP soldered to a minimum of 2 square inches of 1 oz. copper on the top or bottom PCB layer.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3402 LM3402HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com