Electronic Components Datasheet Search
  English  ▼

X  

LM3402HV Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM3402HV
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3402HV Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM3402HV Datasheet HTML 21Page - Texas Instruments LM3402HV Datasheet HTML 22Page - Texas Instruments LM3402HV Datasheet HTML 23Page - Texas Instruments LM3402HV Datasheet HTML 24Page - Texas Instruments LM3402HV Datasheet HTML 25Page - Texas Instruments LM3402HV Datasheet HTML 26Page - Texas Instruments LM3402HV Datasheet HTML 27Page - Texas Instruments LM3402HV Datasheet HTML 28Page - Texas Instruments LM3402HV Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
LM3402, LM3402HV
www.ti.com
SNVS450E – SEPTEMBER 2006 – REVISED MAY 2013
CO = 1/(2 x π x 0.157 x 4.68 x 10
5) = 2.18 µF
(34)
This calculation assumes that impedance due to the equivalent series resistance (ESR) and equivalent series
inductance (ESL) of CO is negligible. The closest 10% tolerance capacitor value is 2.2 µF. The capacitor used
should be rated to 10V or more and have an X7R dielectric. Several manufacturers produce ceramic capacitors
with these specifications in the 0805 case size. A typical value for ESR of 1 m
Ω can be read from the curve of
impedance vs. frequency in the product datasheet.
INPUT CAPACITOR
Following the calculations from the Input Capacitor section,
ΔvIN(MAX) will be 1%P-P = 240 mV. The minimum
required capacitance is:
CIN(MIN) = (0.35 x 300 x 10
-9) / 0.24 = 438 nF
(35)
In expectation that more capacitance will be needed to prevent power supply interaction a 1.0 µF ceramic
capacitor rated to 50V with X7R dielectric in a 1206 case size will be used. From the Design Considerations
section, input rms current is:
IIN-RMS = 0.35 x Sqrt(0.154 x 0.846) = 126 mA
(36)
Ripple current ratings for 1206 size ceramic capacitors are typically higher than 1A, more than enough for this
design.
RECIRCULATING DIODE
The first parameter for D1 which must be determined is the reverse voltage rating. Schottky diodes are available
at reverse ratings of 30V and 40V, often in the same package, with the same forward current rating. To account
for ringing a 40V Schottky will be used.
The next parameters to be determined are the forward current rating and case size. In this example the low duty
cycle (D = 3.7 / 24 = 15%) requires the recirculating diode D1 to carry the load current much longer than the
internal power MOSFET of the LM3402. The estimated average diode current is:
ID = 0.35 x 0.85 = 298 mA
(37)
Schottky diodes are available at forward current ratings of 0.5A, however the current rating often assumes a
25°C ambient temperature and does not take into account the application restrictions on temperature rise. A
diode rated for higher current may be needed to keep the temperature rise below 40°C.To determine the proper
case size, the dissipation and temperature rise in D1 can be calculated as shown in the Design Considerations
section. VD for a small case size such as SOD-123 in a 40V, 0.5A Schottky diode at 350 mA is approximately
0.4V and the
θJA is 206°C/W. Power dissipation and temperature rise can be calculated as:
PD = 0.298 x 0.4 = 119 mW TRISE = 0.119 x 206 = 24.5°C
(38)
According to these calculations the SOD-123 diode will meet the requirements. Heating and dissipation are
among the factors most difficult to predict in converter design. If possible, a footprint should be used that is
capable of accepting both SOD-123 and a larger case size, such as SMA. A larger diode with a higher forward
current rating will generally have a lower forward voltage, reducing dissipation, as well as having a lower
θJA,
reducing temperature rise.
CB and CF
The bootstrap capacitor CB should always be a 10 nF ceramic capacitor with X7R dielectric. A 25V rating is
appropriate for all application circuits. The linear regulator filter capacitor CF should always be a 100 nF ceramic
capacitor, also with X7R dielectric and a 25V rating.
EFFICIENCY
To estimate the electrical efficiency of this example the power dissipation in each current carrying element can
be calculated and summed. This term should not be confused with the optical efficacy of the circuit, which
depends upon the LEDs themselves.
Total output power, PO, is calculated as:
PO = IF x VO = 0.35 x 3.7 = 1.295W
(39)
Conduction loss, PC, in the internal MOSFET:
PC = (IF
2 x R
DSON) x D = (0.35
2 x 1.5) x 0.154 = 28 mW
(40)
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM3402 LM3402HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com