Electronic Components Datasheet Search
  English  ▼

X  

LM3402HV Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM3402HV
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3402HV Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3402HV Datasheet HTML 10Page - Texas Instruments LM3402HV Datasheet HTML 11Page - Texas Instruments LM3402HV Datasheet HTML 12Page - Texas Instruments LM3402HV Datasheet HTML 13Page - Texas Instruments LM3402HV Datasheet HTML 14Page - Texas Instruments LM3402HV Datasheet HTML 15Page - Texas Instruments LM3402HV Datasheet HTML 16Page - Texas Instruments LM3402HV Datasheet HTML 17Page - Texas Instruments LM3402HV Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
ON/OFF
Q1
2N7000 or
equivalent
GND
DIM
BOOT
SW
CS
RON
LM3402/02HV
VIN
D1
L1
CB
RSNS
CF
RON
CIN
VIN
IF
VCC
GND
DIM
BOOT
SW
CS
RON
LM3402/02HV
VIN
D1
L1
CB
RSNS
CF
RON
CIN
VIN
VCC
RZ
Z1
LM3402, LM3402HV
SNVS450E – SEPTEMBER 2006 – REVISED MAY 2013
www.ti.com
Figure 20. Output Open Circuit Protection
LOW POWER SHUTDOWN
The LM3402/02HV can be switched to a low power state (IIN-SD = 90 µA) by grounding the RON pin with a signal-
level MOSFET as shown in Figure 21. Low power MOSFETs like the 2N7000, 2N3904, or equivalent are
recommended devices for putting the LM3402/02HV into low power shutdown. Logic gates can also be used to
shut down the LM3402/02HV as long as the logic low voltage is below the over temperature minimum threshold
of 0.3V. Noise filter circuitry on the RON pin can cause a few pulses with a longer on-time than normal after RON
is grounded or released. In these cases the OVP/OCP comparator will ensure that the peak inductor or LED
current does not exceed 300 mV / RSNS.
Figure 21. Low Power Shutdown
THERMAL SHUTDOWN
Internal thermal shutdown circuitry is provided to protect the IC in the event that the maximum junction
temperature is exceeded. The threshold for thermal shutdown is 165°C with a 25°C hysteresis (both values
typical). During thermal shutdown the MOSFET and driver are disabled.
14
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3402 LM3402HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com