Electronic Components Datasheet Search
  English  ▼

X  

LM3402HV Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM3402HV
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3402HV Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3402HV Datasheet HTML 15Page - Texas Instruments LM3402HV Datasheet HTML 16Page - Texas Instruments LM3402HV Datasheet HTML 17Page - Texas Instruments LM3402HV Datasheet HTML 18Page - Texas Instruments LM3402HV Datasheet HTML 19Page - Texas Instruments LM3402HV Datasheet HTML 20Page - Texas Instruments LM3402HV Datasheet HTML 21Page - Texas Instruments LM3402HV Datasheet HTML 22Page - Texas Instruments LM3402HV Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
SW
LM3402
GND
CS
8V
VTRANSIENT
~ 0.67
5
Module
Connector
Module
Connector
1 k
5
SW
LM3402
GND
CS
8V
VTRANSIENT
~ 0.67
5
Module
Connector
Module
Connector
LM3402, LM3402HV
www.ti.com
SNVS450E – SEPTEMBER 2006 – REVISED MAY 2013
Figure 24. CS Pin, Transient Path
Figure 25. CS Pin, Transient Path with Protection
Adding a resistor in series with the CS pin causes the observed output LED current to shift very slightly. The
reason for this is twofold: (1) the CS pin has about 20pF of inherent capacitance inside it which causes a slight
delay (20ns for a 1k
Ω series resistor), and (2) the comparator that is watching the voltage at the CS pin uses a
pnp bipolar transistor at its input. The base current of this pnp transistor is approximately 100nA which will cause
a 0.1mV change in the 200mV threshold. These are both very minor changes and are well understood. The shift
in current can either be neglected or taken into consideration by changing the current sense resistance slightly.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3402 LM3402HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com