Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 256 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 256 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 252Page - Microchip Technology DM163006 Datasheet HTML 253Page - Microchip Technology DM163006 Datasheet HTML 254Page - Microchip Technology DM163006 Datasheet HTML 255Page - Microchip Technology DM163006 Datasheet HTML 256Page - Microchip Technology DM163006 Datasheet HTML 257Page - Microchip Technology DM163006 Datasheet HTML 258Page - Microchip Technology DM163006 Datasheet HTML 259Page - Microchip Technology DM163006 Datasheet HTML 260Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 320 page
background image
PIC18C601/801
DS39541A-page 256
Advance Information
 2001 Microchip Technology Inc.
TBLWT
Table Write
Syntax:
[ label ]
TBLWT ( *; *+; *-; +*)
Operands:
None
Operation:
if TBLWT*,
(TABLAT)
→ Prog Mem (TBLPTR) or
Holding Register;
TBLPTR - No Change;
if TBLWT*+,
(TABLAT)
→ Prog Mem (TBLPTR) or
Holding Register;
(TBLPTR) +1
→ TBLPTR;
if TBLWT*-,
(TABLAT)
→ Prog Mem (TBLPTR) or
Holding Register;
(TBLPTR) -1
→ TBLPTR;
if TBLWT+*,
(TBLPTR) +1
→ TBLPTR;
(TABLAT)
→ Prog Mem (TBLPTR) or
Holding Register;
Status Affected:
None
Encoding:
0000
0000
0000
11nn
nn=0 *
=1 *+
=2 *-
=3 +*
Description:
This instruction is used to program the
contents of Program Memory (P.M.).
The TBLPTR (a 21-bit pointer) points to
each byte in the program memory.
TBLPTR has a 2 MByte address range.
The LSb of the TBLPTR selects which
byte of the program memory location to
access.
TBLPTR[0] = 0: Least Significant
Byte of Program
Memory Word
TBLPTR[0] = 1: Most Significant
Byte of Program
Memory Word
The TBLWT instruction can modify the
value of TBLPTR as follows:
• no change
• post-increment
• post-decrement
• pre-increment
Words:
1
Cycles:
2 (many if long write is to on-chip
EPROM program memory)
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
No
operation
No
operation
No
operation
No
operation
No operation
(Read
TABLAT)
No
operation
No operation
(Write to Holding
Register or Memory)
TBLWT (Cont.)
Example 1:
TBLWT
*+;
Before Instruction
TABLAT
=
55h
TBLPTR
=
00A356h
MEMORY(00A356h)
=
0FFh
After Instructions (table write completion)
TABLAT
=
55h
TBLPTR
=
00A357h
MEMORY(00A356h)
=
55h
Example 2:
TBLWT
+*;
Before Instruction
TABLAT
=
34h
TBLPTR
=
01389Ah
MEMORY(01389Ah)
=
0FFh
MEMORY(01389Bh)
=
0FFh
After Instruction (table write completion)
TABLAT
=
34h
TBLPTR
=
01389Bh
MEMORY(01389Ah)
=
0FFh
MEMORY(01389Bh)
=
34h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com