Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 253 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 253 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 249Page - Microchip Technology DM163006 Datasheet HTML 250Page - Microchip Technology DM163006 Datasheet HTML 251Page - Microchip Technology DM163006 Datasheet HTML 252Page - Microchip Technology DM163006 Datasheet HTML 253Page - Microchip Technology DM163006 Datasheet HTML 254Page - Microchip Technology DM163006 Datasheet HTML 255Page - Microchip Technology DM163006 Datasheet HTML 256Page - Microchip Technology DM163006 Datasheet HTML 257Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 253
PIC18C601/801
SUBWFB
Subtract WREG from f with
Borrow
Syntax:
[ label ] SUBWFB f [,d [,a]]
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(f) – (WREG) – (C)
→ dest
Status Affected:
N,OV, C, DC, Z
Encoding:
0101
10da
ffff
ffff
Description:
Subtract WREG and the carry flag
(borrow) from register 'f' (2’s com-
plement method). If 'd' is 0, the
result is stored in WREG. If 'd' is 1,
the result is stored back in register
'f' (default). If ’a’ is 0, the Access
Bank will be selected, overriding
the BSR value. If ’a’ is 1, the Bank
will be selected as per the BSR
value.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
Data
Write to
destination
SUBWFB (Cont.)
Example 1:
SUBWFB
REG
Before Instruction
REG
=
19h
(0001 1001)
WREG
=
0Dh
(0000 1101)
C=
1
After Instruction
REG
=
0Ch
(0000 1011)
WREG
=
0Dh
(0000 1101)
C=
1
Z=
0
N
=
0
; result is positive
Example 2:
SUBWFB
REG, W
Before Instruction
REG
=
1Bh
(0001 1011)
WREG
=
1Ah
(0001 1010)
C=
0
After Instruction
REG
=
1Bh
(0001 1011)
WREG
=
00h
C=
1
Z
=
1
; result is zero
N=
0
Example 3:
SUBWFB
REG
Before Instruction
REG
=
03h
(0000 0011)
WREG
=
0Eh
(0000 1101)
C=
1
After Instruction
REG
=
0F5h
(1111 0100) [2’s comp]
WREG
=
0Eh
(0000 1101)
C=
0
Z=
0
N
=
1
; result is negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com