Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 251 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 251 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 247Page - Microchip Technology DM163006 Datasheet HTML 248Page - Microchip Technology DM163006 Datasheet HTML 249Page - Microchip Technology DM163006 Datasheet HTML 250Page - Microchip Technology DM163006 Datasheet HTML 251Page - Microchip Technology DM163006 Datasheet HTML 252Page - Microchip Technology DM163006 Datasheet HTML 253Page - Microchip Technology DM163006 Datasheet HTML 254Page - Microchip Technology DM163006 Datasheet HTML 255Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 251
PIC18C601/801
SUBFWB (Cont.)
Example 1:
SUBFWB
REG
Before Instruction
REG
=
3
WREG
=
2
C=
1
After Instruction
REG
=
0FFh
WREG
=
2
C=
0
Z=
0
N
=
1
; result is negative
Example 2:
SUBFWB
REG
Before Instruction
REG
=
2
WREG
=
5
C=
1
After Instruction
REG
=
2
WREG
=
3
C=
1
Z=
0
N
=
0
; result is positive
Example 3:
SUBFWB
REG
Before Instruction
REG
=
1
WREG
=
2
C=
0
After Instruction
REG
=
0
WREG
=
2
C=
1
Z
=
1
; result is zero
N=
0
SUBLW
Subtract WREG from literal
Syntax:
[ label ]SUBLW k
Operands:
0
≤ k ≤ 255
Operation:
k – (WREG)
→ WREG
Status Affected:
N,OV, C, DC, Z
Encoding:
0000
1000
kkkk
kkkk
Description:
WREG is subtracted from the eight
bit literal 'k'. The result is placed in
WREG.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
literal ’k’
Process
Data
Write to
WREG
Example 1:
SUBLW
02h
Before Instruction
WREG
=
1
C=
?
After Instruction
WREG
=
1
C
=
1
; result is positive
Z=
0
N=
0
Example 2:
SUBLW
02h
Before Instruction
WREG
=
2
C=
?
After Instruction
WREG
=
0
C
=
1
; result is zero
Z=
1
N=
0
Example 3:
SUBLW
02h
Before Instruction
WREG
=
3
C=
?
After Instruction
WREG
=
0FFh ; (2’s complement)
C
=
0
; result is negative
Z=
0
N=
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com