Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 248 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 248 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 244Page - Microchip Technology DM163006 Datasheet HTML 245Page - Microchip Technology DM163006 Datasheet HTML 246Page - Microchip Technology DM163006 Datasheet HTML 247Page - Microchip Technology DM163006 Datasheet HTML 248Page - Microchip Technology DM163006 Datasheet HTML 249Page - Microchip Technology DM163006 Datasheet HTML 250Page - Microchip Technology DM163006 Datasheet HTML 251Page - Microchip Technology DM163006 Datasheet HTML 252Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 320 page
background image
PIC18C601/801
DS39541A-page 248
Advance Information
 2001 Microchip Technology Inc.
RLNCF
Rotate Left f (no carry)
Syntax:
[ label ] RLNCF
f [,d [,a]]
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(f<n>)
→ dest<n+1>,
(f<7>)
→ dest<0>
Status Affected:
N,Z
Encoding:
0100
01da
ffff
ffff
Description:
The contents of register ’f’ are
rotated one bit to the left. If ’d’ is 0
the result is placed in WREG. If ’d’ is
1, the result is stored back in register
'f' (default). If ’a’ is 0, the Access
Bank will be selected, overriding the
BSR value. If ’a’ is 1, the Bank will
be selected as per the BSR value.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
Data
Write to
destination
Example:
RLNCF
REG
Before Instruction
REG
=
1010 1011
N=
?
Z=
?
After Instruction
REG
=
0101 0111
N=
0
Z=
0
register f
RRCF
Rotate Right f through Carry
Syntax:
[ label ]
RRCF f [,d [,a]]
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(f<n>)
→ dest<n-1>,
(f<0>)
→ C,
(C)
→ dest<7>
Status Affected:
C,N,Z
Encoding:
0011
00da
ffff
ffff
Description:
The contents of register 'f' are
rotated one bit to the right through
the Carry Flag. If 'd' is 0, the result is
placed in WREG. If 'd' is 1, the result
is placed back in register 'f' (default).
If ’a’ is 0, the Access Bank will be
selected, overriding the BSR value.
If ’a’ is 1, the Bank will be selected
as per the BSR value.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
Data
Write to
destination
Example:
RRCF
REG, W
Before Instruction
REG
=
1110 0110
C=
0
N=
?
Z=
?
After Instruction
REG
=
1110 0110
WREG
=
0111 0011
C=
0
N=
0
Z=
0
C
register f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com