Electronic Components Datasheet Search
  English  ▼

X  

TAS5704PAPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5704PAPR
Description  20-W Stereo Digital Audio Power Amplifier With Feedback
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5704PAPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5704PAPR Datasheet HTML 12Page - Texas Instruments TAS5704PAPR Datasheet HTML 13Page - Texas Instruments TAS5704PAPR Datasheet HTML 14Page - Texas Instruments TAS5704PAPR Datasheet HTML 15Page - Texas Instruments TAS5704PAPR Datasheet HTML 16Page - Texas Instruments TAS5704PAPR Datasheet HTML 17Page - Texas Instruments TAS5704PAPR Datasheet HTML 18Page - Texas Instruments TAS5704PAPR Datasheet HTML 19Page - Texas Instruments TAS5704PAPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
PO − Output Power − W
0.01
VCC = 18 V
RL = 8 Ω
0.1
1
10
0.001
0.01
10
40
0.1
G005
1
f = 20 Hz
f = 1 kHz
f = 10 kHz
PO − Output Power − W
0.01
VCC = 24 V
RL = 8 Ω
0.1
1
10
0.001
0.01
10
40
0.1
G006
1
f = 20 Hz
f = 1 kHz
f = 10 kHz
PO − Total Output Power − W
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
35
40
G008
VCC = 12 V
RL = 8 Ω
VCC = 24 V
VCC = 18 V
PO − Output Power (Per Channel) − W
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
G007
VCC = 12 V
VCC = 18 V
VCC = 24 V
RL = 8 Ω
TAS5704
SLOS563A – MARCH 2008 – REVISED AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS, BTL CONFIGURATION (continued)
TOTAL HARMONIC DISTORTION + NOISE (BTL)
TOTAL HARMONIC DISTORTION + NOISE (BTL)
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 12.
Figure 13.
EFFICIENCY
SUPPLY CURRENT
vs
vs
OUTPUT POWER
TOTAL OUTPUT POWER
Figure 14.
Figure 15.
16
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com