Electronic Components Datasheet Search
  English  ▼

X  

TAS5704PAPR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5704PAPR
Description  20-W Stereo Digital Audio Power Amplifier With Feedback
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5704PAPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS5704PAPR Datasheet HTML 18Page - Texas Instruments TAS5704PAPR Datasheet HTML 19Page - Texas Instruments TAS5704PAPR Datasheet HTML 20Page - Texas Instruments TAS5704PAPR Datasheet HTML 21Page - Texas Instruments TAS5704PAPR Datasheet HTML 22Page - Texas Instruments TAS5704PAPR Datasheet HTML 23Page - Texas Instruments TAS5704PAPR Datasheet HTML 24Page - Texas Instruments TAS5704PAPR Datasheet HTML 25Page - Texas Instruments TAS5704PAPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
TAS5704
SLOS563A – MARCH 2008 – REVISED AUGUST 2010
www.ti.com
Format Control
The digital data input format is selected via three external terminals (FORMAT0, FORMAT1, and FORMAT2).
Table 1 lists the corresponding data format for SDIN1 and SDIN2. LRCLK and SCLK are shared clocks for
SDIN1 and SDIN2. Changes to the FORMATx terminals are latched in immediately on a rising edge of RESET.
Changes to the FORMATx terminals while RESET is high are not allowed.
Table 1. Format Control
SERIAL DIGITAL DATA
FORMAT2
FORMAT1
FORMAT0
FORMAT
0
0
0
16-Bit right-justifed
0
0
1
18-Bit right-justified
0
1
0
20-Bit right-justified
0
1
1
24-Bit right-justified
1
0
0
16-, 24-Bit I2S
1
0
1
16-, 24-Bit left-justified
1
1
0
Reserved. Setting is not allowed.
1
1
1
Reserved. Setting is not allowed.
Gain Control
The gain of the DAP is selected via two external gain pins (GAIN_0 and GAIN_1). Table 2 lists the corresponding
channel gain (for ALL channels) for GAIN_0 and GAIN_1 settings. Individual channel gain is not possible.
Changes to the GAIN_x terminals are latched in immediately on a rising edge of RESET. Changes to the
GAIN_x terminals while RESET is high are not allowed.
Table 2. Gain Control
OUTPUT VOLTAGE
CHANNEL
WITH FULL SCALE
GAIN_1
GAIN_0
GAIN (dB)
INPUT (Vrms) —
BTL
0
0
-3
17.56
0
1
3
35.04(1)
1
0
9
70.08(1)
1
1
12
99.00(1)
(1)
Output clipped. See the calculation example in the Application
section.
Output Configuration Control
The PWM outputs can be remapped to allow 2-ch, 2.1-ch, and 4-ch operation. Two terminals are used for this
mapping, CONFIG_1 and CONFIG_2. Table 3 lists the output configurations that are supported. Changes to the
CONFIG_x terminals are latched in immediately on a rising edge of RESET. Changes to the CONFIG_x
terminals while RESET is high are not allowed.
Table 3. Output Configurations
CONFIG_2
CONFIG_1
OUTPUT CONFIGURATION
2-Ch Mode, BTL, AD modulation. SUB+/- is derived from the SDIN2
0
0
input (left channel). SUB+/- is AD modulation with SUB- equal to the
compliment of SUB+.
2-Ch Mode, BTL, BD modulation. SUB+/- is derived from the SDIN2
0
1
input (left channel), and SUB+/- is BD PWM.
2.1-Ch Mode (2xSE outputs, 1xBTL output). AD modulation. No SUB+/-
1
0
PWM output.
1
1
4-Ch Mode (4xSE outputs). AD modulation. No SUB+/- PWM output.
22
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com