Electronic Components Datasheet Search
  English  ▼

X  

TAS5704PAPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5704PAPR
Description  20-W Stereo Digital Audio Power Amplifier With Feedback
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5704PAPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS5704PAPR Datasheet HTML 10Page - Texas Instruments TAS5704PAPR Datasheet HTML 11Page - Texas Instruments TAS5704PAPR Datasheet HTML 12Page - Texas Instruments TAS5704PAPR Datasheet HTML 13Page - Texas Instruments TAS5704PAPR Datasheet HTML 14Page - Texas Instruments TAS5704PAPR Datasheet HTML 15Page - Texas Instruments TAS5704PAPR Datasheet HTML 16Page - Texas Instruments TAS5704PAPR Datasheet HTML 17Page - Texas Instruments TAS5704PAPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
BKND_ERR
VALID
t
w(ER)
t
p(valid_high)
t
p(valid_low)
Normal
Operation
Normal
Operation
T0031-04
t
d(VOL)
VOLUME
MUTE
Normal
Operation
Normal
Operation
t
d(VOL)
50-50
DutyCycle
T0032-03
TAS5704
SLOS563A – MARCH 2008 – REVISED AUGUST 2010
www.ti.com
BACK-END ERROR (BKND_ERR)
Control signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tw(ER)
Pulse duration, BKND_ERR active (active-low)
350
ns
tp(valid_high)
Time to stay in the OUT_x low state. After tp(valid_high), the TAS5704 attempts to bring
300
ms
the system out of the OUT_x low state if BKND_ERR is high.
tp(valid_low)
Time TAS5704 takes to bring OUT_x low after BKND_ERR assertion.
350
ns
Figure 6. Error Recovery Timing
MUTE TIMING (MUTE)
Control signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
td(VOL)
Volume ramp time. Ramp Time = Number of Steps × Stepsize(1)
1024
steps
(1)
Stepsize = 4 LRCLKs (for 32–48 kHz sample rate); 8 LRCLKs (for 88.2–96 kHz sample rate); 16 LRCLKs (for 176.4–192 kHz sample
rate)
Figure 7. Mute Timing
14
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com