Electronic Components Datasheet Search
  English  ▼

X  

TAS5704PAPR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5704PAPR
Description  20-W Stereo Digital Audio Power Amplifier With Feedback
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5704PAPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS5704PAPR Datasheet HTML 24Page - Texas Instruments TAS5704PAPR Datasheet HTML 25Page - Texas Instruments TAS5704PAPR Datasheet HTML 26Page - Texas Instruments TAS5704PAPR Datasheet HTML 27Page - Texas Instruments TAS5704PAPR Datasheet HTML 28Page - Texas Instruments TAS5704PAPR Datasheet HTML 29Page - Texas Instruments TAS5704PAPR Datasheet HTML 30Page - Texas Instruments TAS5704PAPR Datasheet HTML 31Page - Texas Instruments TAS5704PAPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Analyzer
20Hz-20kHz
(a)BasicClass-AB
APA
Signal
Generator
PowerSupply
Analyzer
20Hz-20kHz
R
L
(b)TraditionalClass-D
Class-D APA
Signal
Generator
PowerSupply
L
filt
C
filt
R
L
TAS5704
SLOS563A – MARCH 2008 – REVISED AUGUST 2010
www.ti.com
The generator output and amplifier input must be ac-coupled. However, the EVMs already have the ac-coupling
capacitors, (CIN), so no additional coupling is required. The generator output impedance should be low to avoid
attenuating the test signal, and is important because the input resistance of APAs is not high. Conversely, the
analyzer input impedance should be high. The output resistance, ROUT, of the APA is normally in the hundreds of
milliohms and can be ignored for all but the power-related calculations.
Figure 31(a) shows a class-AB amplifier system. It takes an analog signal input and produces an analog signal
output. This amplifier circuit can be directly connected to the AP-II or other analyzer input.
This is not true of the class-D amplifier system shown in Figure 31(b), which requires low-pass filters in most
cases in order to measure the audio output waveforms. This is because it takes an analog input signal and
converts it into a pulse-width modulated (PWM) output signal that is not accurately processed by some
analyzers.
Figure 31. Audio Measurement Systems
28
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com