Electronic Components Datasheet Search
  English  ▼

X  

AD9963 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9963
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9963 Datasheet HTML 34Page - Analog Devices AD9963 Datasheet HTML 35Page - Analog Devices AD9963 Datasheet HTML 36Page - Analog Devices AD9963 Datasheet HTML 37Page - Analog Devices AD9963 Datasheet HTML 38Page - Analog Devices AD9963 Datasheet HTML 39Page - Analog Devices AD9963 Datasheet HTML 40Page - Analog Devices AD9963 Datasheet HTML 41Page - Analog Devices AD9963 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 38 of 60
TRANSMIT PATH
Tx Path General Description
The transmit section consists of two complete paths of
interpolation filters stages, each followed by a high speed
current output DAC. A data assembler receives interleaved data
from one of two digital interface ports, and de-interleaves and
buffers the data before supplying the data samples into the two
datapaths. The interpolation filter bank consists of three stages
that can be completely bypassed or cascaded to provide 2×, 4×,
or 8× interpolation. The supported clock rates for each of the
interpolation filters and the transmit DACs are listed in Table 1.
TX PORT
TRX PORT
DATA
ASSEMBLER
AND FIFO
I DAC
I SCALE
Q SCALE
I GAIN
TXVDD
Q GAIN
Q DAC
RFSADJ
LPF
1/2/4/8×
LPF
1/2/4/8×
TXIP
TXIN
TXQP
TXQN
TXCML
REFIO
Figure 47. Transmit Path Block Diagram
INTERPOLATION FILTERS
The I and Q transmit paths contain three interpolation filters
designated as INT0, INT1, and SRRC. Each of the interpolation
filters provides a 2× increase in output data rate. The filters can
be completely bypassed or cascaded to provide 2×, 4×, or 8×
upsampling ratios. The interpolation filters effectively increase
the DAC update rate while suppressing the images at the input
date rate. This reduces the requirements on the analog output
reconstruction filter.
1
0
INT1
1
0
INT0
1
0
SRRC
FROM
FIFO
TO
DAC
SRRC_BP
0x30[2]
INT0_BP
0x30[3]
INT0_SCALE
0x36[4:0]
SRRC_SCALE
0x35[4:0]
INT1_SCALE
0x37[4:0]
INT1_BP
0x30[4]
Figure 48. Block Diagram of Transmit Datapath
The digital filters should be cascaded such that INT0 is enabled
for an interpolation factor of 2×, INT0 and INT1 should be
enabled for an interpolation factor of 4×, and INT0, INT1, and
the SRRC should be enabled for an interpolation factor of 8×.
The INT0 and INT1 filters have bandwidths of 40% of the input
data rate. Over their usable bandwidth, the filters have a passband
ripple of less than 0.1 dB. The SRRC has a roll-off factor of 0.22
with a 60 dB stop-band attenuation. In 2× and 4× interpolation
modes, the interpolation filters have an image rejection of greater
than 70 dB. In 8× interpolation mode, the image rejection is
greater than 65 dB. The usable bandwidth of the filters is
typically limited by the stop-band attenuation they provide,
rather than the passband flatness. The transfer functions of the
interpolation filters configured for 2×, 4×, and 8× interpolation
ratios are shown in Figure 49 through Figure 51.
–80
–70
–60
–50
–40
–30
–20
–10
0
NORMALIZED FREQUENCY (Relative to fDAC)
Figure 49. Digital Filter Transfer Function for 2× Interpolation
–80
–70
–60
–50
–40
–30
–20
–10
0
NORMALIZED FREQUENCY (Relative to fDAC)
Figure 50. Digital Filter Transfer Function for 4× Interpolation
–80
–70
–60
–50
–40
–30
–20
–10
0
NORMALIZED FREQUENCY (Relative to fDAC)
Figure 51. Digital Filter Transfer Function for 8× Interpolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com