Electronic Components Datasheet Search
  English  ▼

X  

AD9963 Datasheet(PDF) 56 Page - Analog Devices

Part # AD9963
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9963 Datasheet HTML 52Page - Analog Devices AD9963 Datasheet HTML 53Page - Analog Devices AD9963 Datasheet HTML 54Page - Analog Devices AD9963 Datasheet HTML 55Page - Analog Devices AD9963 Datasheet HTML 56Page - Analog Devices AD9963 Datasheet HTML 57Page - Analog Devices AD9963 Datasheet HTML 58Page - Analog Devices AD9963 Datasheet HTML 59Page - Analog Devices AD9963 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 56 of 60
20
30
40
50
60
70
80
0
20
40
60
80
100
fADC (MHz)
RX18V
RX18VF
Figure 96. IRX18V and IRX18VF vs. fADC, Both ADCs Enabled
fDAC (MHz)
6
10
14
18
22
26
0
25
50
75
100
125
150
175
IFS = 4mA
IFS = 2mA
IFS = 1mA
Figure 97. ITXVDD vs. fDAC, FSC = 1 mA, 2 mA, 4 mA, TXVDD = 3.3 V
fDAC (MHz)
6
8
10
12
14
16
18
0
25
50
75
100
125
150
175
IFS = 4mA
IFS = 2mA
IFS = 1mA
Figure 98. ITXVDD vs. fDAC, FSC = 1 mA, 2 mA, 4 mA, TXVDD = 1.8 V
4.0
4.5
5.0
5.5
6.0
6.5
7.0
0
25
50
75
100
125
150
175
fCLK (MHz)
Figure 99. ICLKVDD18 vs. fCLK
4
6
8
10
12
80
140
200
260
320
fDLL (MHz)
fCLK = 50MHz, N = 1
fCLK = 20MHz, N = 1
fCLK = 20MHz, N = 5
Figure 100. IDLL18V vs. fDLL, fCLKIN= 19.2 MHz, 30.72 MHz
fRXDATA (MHz)
0
4
8
12
16
20
0
25
50
75
100
125
2x
1x
Figure 101. IDVDD18 vs. fRXDATA, 1×, 2× (Rx Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com