Electronic Components Datasheet Search
  English  ▼

X  

AD9963 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9963
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9963 Datasheet HTML 24Page - Analog Devices AD9963 Datasheet HTML 25Page - Analog Devices AD9963 Datasheet HTML 26Page - Analog Devices AD9963 Datasheet HTML 27Page - Analog Devices AD9963 Datasheet HTML 28Page - Analog Devices AD9963 Datasheet HTML 29Page - Analog Devices AD9963 Datasheet HTML 30Page - Analog Devices AD9963 Datasheet HTML 31Page - Analog Devices AD9963 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 28 of 60
Register Name
Register
Address
Bit(s)
Parameter
Function
2
HD_BUSCTL
0: selects SPI mode to control bus direction in half-duplex mode.
1: selects Pin mode to control bus direction in half-duplex mode.
SPI bit to set Tx or Rx is Register 0x30, Bit 0. Register 0x30, Bit 1 is ignored
in this case.
1
HD_CLKMD
0: selects 1-clock submode if in half-duplex mode.
1: selects 2-clock submode if in half-duplex mode.
0
FULL_DUPLEX
0: configures the digital interface for half-duplex mode (covers both 1-
clock and 2-clock submodes).
1: configures the digital interface for full-duplex mode.
DAC12 Config
0x40
7
DAC12B_EN
0: powers down DAC12B.
1: enables DAC12B.
6
DAC12A_EN
0: powers down DAC12A.
1: enables DAC12A.
5
DAC12B_TOP
0: sets DAC12B range to 3.3 × V
AUXDACREF.
1: sets DAC12B range to 1.8 × V
AUXDACREF.
4
DAC12A_TOP
0: sets DAC12A range to 3.3 × V
AUXACREF.
1: sets DAC12A range to 1.8 × V
AUXDACREF.
3:2
Unused
1
AUXDAC_REF
Selects where the voltage reference for all of the auxiliary DACs is
derived.
0: resistive divider from AUX33V. V
AUXDACREF = VAUX33V /3.3.
1: selects the 1.0 V bandgap voltage. V
AUXDACREF = 1.0 V.
0
DAC_UPDATE
This bit determines which of the two data words updates all four of the
auxiliary DACs.
0: update DACs after LSB write.
1: update DACs after MSB write.
DAC12A MSBs
0x41
7:0
DAC12A[11:4]
DAC12A voltage control word (upper eight bits).
DAC12A LSBs
0x42
7:4
Unused
3:0
DAC12A[3:0]
DAC12A voltage control word (lower four bits).
DAC12B MSBs
0x43
7:0
DAC12B[11:4]
DAC12B voltage control word (upper eight bits).
DAC12B LSBs
0x44
7:4
Unused
3:0
DAC12B[3:0]
DAC12B voltage control word (lower four bits).
DAC10B Config
0x45
7
DAC10B_EN
0: powers down DAC10B.
1: enables DAC10B.
6:5
Unused
4:2
DAC10B_TOP[2:0]
Sets the DAC output voltage at the top range as follows:
000: 1.0 V.
001: 1.5 V.
010: 2.0 V.
011: 2.5 V.
100: 3.0 V.
1:0
DAC10B_RNG[1:0]
The total range of the DAC extends from top-of-range, to top-of-range
minus the span. The span is set as:
00: 2.0 V.
01: 1.5 V.
10: 1.0 V.
11: 0.5 V.
DAC10BMSBs
0x46
7:0
DAC10B[9:2]
DAC10B voltage control word (eight most significant bits).
DAC10BLSBs
0x47
7:2
Unused
1:0
DAC10B[1:0]
DAC10Bvoltage control word (two least significant bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com