Electronic Components Datasheet Search
  English  ▼

X  

AD9963 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9963
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9963 Datasheet HTML 2Page - Analog Devices AD9963 Datasheet HTML 3Page - Analog Devices AD9963 Datasheet HTML 4Page - Analog Devices AD9963 Datasheet HTML 5Page - Analog Devices AD9963 Datasheet HTML 6Page - Analog Devices AD9963 Datasheet HTML 7Page - Analog Devices AD9963 Datasheet HTML 8Page - Analog Devices AD9963 Datasheet HTML 9Page - Analog Devices AD9963 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 6 of 60
fCLK = 125 MHz, fDLL = 250 MHz, DAC sample rate = 125 MSPS, ADC sample rate = 62.5 MSPS, unless otherwise noted.
Table 4. Power Consumption Specifications
AD9961
AD9963
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
1.8 V ONLY OPERATION (EXTERNAL 1.8 V)
CLK33V
1.65
1.65
mA
TXVDD
10.7
10.7
mA
DRVDD
29.4
34.9
mA
DVDD18V
21.0
22.7
mA
CLK18V
3.84
3.84
mA
DLL18V
9.98
9.98
mA
RX18V
79.2
79.2
mA
RX18VF
34.3
34.3
mA
3.3 V ONLY OPERATION (ON-CHIP REGULATORS)
TXVDD
12.1
12.1
mA
CLK33V
17.0
17.0
mA
RX33V
113
113
mA
DRVDD
93
108
mA
AUX33V
0.55
0.55
mA
SUPPLY VOLTAGE RANGE
CLK33V, TXVDD (These Supplies Must Be Tied Together)
1.72
3.63
1.72
3.63
V
DRVDD
1.72
3.63
1.72
3.63
V
DVDD18V
1.72
1.89
1.72
1.89
V
CLK18V
1.72
1.89
1.72
1.89
V
DLL18V
1.72
1.89
1.72
1.89
V
RX18V
1.72
1.89
1.72
1.89
V
RX18VF
1.72
1.89
1.72
1.89
V
RX33V
2.50
3.63
2.50
3.63
V
AUX33V (AUXADC Enabled)
3.14
3.63
3.14
3.63
V
AUX33V (AUXADC Disabled)
1.72
3.63
1.72
3.63
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com