Electronic Components Datasheet Search
  English  ▼

X  

ADS1278IPAPT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1278IPAPT
Description  Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1278IPAPT Datasheet(HTML) 2 Page - Texas Instruments

  ADS1278IPAPT Datasheet HTML 1Page - Texas Instruments ADS1278IPAPT Datasheet HTML 2Page - Texas Instruments ADS1278IPAPT Datasheet HTML 3Page - Texas Instruments ADS1278IPAPT Datasheet HTML 4Page - Texas Instruments ADS1278IPAPT Datasheet HTML 5Page - Texas Instruments ADS1278IPAPT Datasheet HTML 6Page - Texas Instruments ADS1278IPAPT Datasheet HTML 7Page - Texas Instruments ADS1278IPAPT Datasheet HTML 8Page - Texas Instruments ADS1278IPAPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
ADS1274
ADS1278
SBAS367F
– JUNE 2007 – REVISED FEBRUARY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or visit the device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range unless otherwise noted
(1)
ADS1274, ADS1278
UNIT
AVDD to AGND
–0.3 to +6.0
V
DVDD, IOVDD to DGND
–0.3 to +3.6
V
AGND to DGND
–0.3 to +0.3
V
Momentary
100
mA
Input current
Continuous
10
mA
Analog input to AGND
–0.3 to AVDD + 0.3
V
Digital input or output to DGND
–0.3 to IOVDD + 0.3
V
Maximum junction temperature
+150
°C
ADS1274
–40 to +125
°C
Operating temperature range
ADS1278
–40 to +105
°C
Storage temperature range
–60 to +150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
2
Submit Documentation Feedback
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1274 ADS1278



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com