Electronic Components Datasheet Search
  English  ▼

X  

ADS1278IPAPT Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1278IPAPT
Description  Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1278IPAPT Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS1278IPAPT Datasheet HTML 29Page - Texas Instruments ADS1278IPAPT Datasheet HTML 30Page - Texas Instruments ADS1278IPAPT Datasheet HTML 31Page - Texas Instruments ADS1278IPAPT Datasheet HTML 32Page - Texas Instruments ADS1278IPAPT Datasheet HTML 33Page - Texas Instruments ADS1278IPAPT Datasheet HTML 34Page - Texas Instruments ADS1278IPAPT Datasheet HTML 35Page - Texas Instruments ADS1278IPAPT Datasheet HTML 36Page - Texas Instruments ADS1278IPAPT Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
CH1
DOUT1
CH2
DOUT2
CH3
DOUT3
CH4
DOUT4
SCLK
DRDY
(SPI)
FSYNC
(Frame-Sync)
1
2
22
23
24
CH5
DOUT5
CH6
DOUT6
CH7
DOUT7
CH8
DOUT8
ADS1278 Only
25
26
ADS1274
ADS1278
www.ti.com
SBAS367F
– JUNE 2007 – REVISED FEBRUARY 2011
Figure 80. Discrete Data Output Mode
Table 15. Maximum Channels in a Daisy-Chain
DAISY-CHAINING
(fSCLK = fCLK)
Multiple ADS1274/78s can be daisy-chained together
MAXIMUM NUMBER
to output data on a single pin. The DOUT1 data
MODE SELECTION
CLKDIV
OF CHANNELS
output pin of one device is connected to the DIN of
High-Speed
1
10
the next device. As shown in Figure 81, the DOUT1
High-Resolution
1
21
pin of device 1 provides the output data to a
controller, and the DIN of device 2 is grounded.
1
21
Low-Power
Figure 82 shows the data format when reading back
0
10
data.
1
106
Low-Speed
The maximum number of channels that may be
0
21
daisy-chained in this way is limited by the frequency
of fSCLK, the mode selection, and the CLKDIV input.
Whether the interface protocol is SPI or Frame-Sync,
The frequency of fSCLK must be high enough to
it is recommended to synchronize all devices by tying
completely shift the data out from all channels within
the SYNC inputs together. When synchronized in SPI
one fDATA period. Table 15 lists the maximum number
protocol, it is only necessary to monitor the DRDY
of daisy-chained channels when fSCLK = fCLK.
output of one ADS1274/78.
To increase the number of data channels possible in
In Frame-Sync interface protocol, the data from all
a chain, a segmented DOUT scheme may be used,
devices are ready after the rising edge of FSYNC.
producing two data streams. Figure 83 illustrates four
Since DOUT1 and DIN are both shifted on the falling
ADS1274/78s,
with
pairs
of
ADS1274/78s
edge of SCLK, the propagation delay on DOUT1
daisy-chained together. The channel data of each
creates a setup time on DIN. Minimize the skew in
daisy-chained pair are shifted out in parallel and
SCLK to avoid timing violations.
received by the processor through independent data
channels.
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): ADS1274 ADS1278



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com