Electronic Components Datasheet Search
  English  ▼

X  

ADS1278IPAPT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1278IPAPT
Description  Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1278IPAPT Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1278IPAPT Datasheet HTML 9Page - Texas Instruments ADS1278IPAPT Datasheet HTML 10Page - Texas Instruments ADS1278IPAPT Datasheet HTML 11Page - Texas Instruments ADS1278IPAPT Datasheet HTML 12Page - Texas Instruments ADS1278IPAPT Datasheet HTML 13Page - Texas Instruments ADS1278IPAPT Datasheet HTML 14Page - Texas Instruments ADS1278IPAPT Datasheet HTML 15Page - Texas Instruments ADS1278IPAPT Datasheet HTML 16Page - Texas Instruments ADS1278IPAPT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
10
100
1k
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
10k
100k
High-ResolutionMode
V
= 0.5dBFS
-
IN
THD+N
THD
-120
-100
-80
-60
-40
InputAmplitude(dBFS)
0
-20
-40
-60
-80
-100
-120
-140
-20
0
High-ResolutionMode
f
=1kHz
IN
THD+N
THD
10
100
1k
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
10k
100k
Low-PowerMode
V
= 0.5dBFS
-
IN
THD+N
THD
-120
-100
-80
-60
-40
InputAmplitude(dBFS)
0
-20
-40
-60
-80
-100
-120
-140
-20
0
Low-PowerMode
f
=1kHz
IN
THD+N
THD
10
100
1k
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
10k
Low-SpeedMode
V
= 0.5dBFS
-
IN
THD+N
THD
-120
-100
-80
-60
-40
InputAmplitude(dBFS)
0
-20
-40
-60
-80
-100
-120
-140
-20
0
Low-SpeedMode
THD+N
THD
ADS1274
ADS1278
www.ti.com
SBAS367F
– JUNE 2007 – REVISED FEBRUARY 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, High-Speed mode, AVDD = +5V, DVDD = +1.8V, IOVDD = +3.3V, fCLK = 27MHz, VREFP = 2.5V, and
VREFN = 0V, unless otherwise noted.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs FREQUENCY
vs INPUT AMPLITUDE
Figure 19.
Figure 20.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs FREQUENCY
vs INPUT AMPLITUDE
Figure 21.
Figure 22.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs FREQUENCY
vs INPUT AMPLITUDE
Figure 23.
Figure 24.
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS1274 ADS1278



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com