Electronic Components Datasheet Search
  English  ▼

X  

ADS1278IPAPT Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1278IPAPT
Description  Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1278IPAPT Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS1278IPAPT Datasheet HTML 35Page - Texas Instruments ADS1278IPAPT Datasheet HTML 36Page - Texas Instruments ADS1278IPAPT Datasheet HTML 37Page - Texas Instruments ADS1278IPAPT Datasheet HTML 38Page - Texas Instruments ADS1278IPAPT Datasheet HTML 39Page - Texas Instruments ADS1278IPAPT Datasheet HTML 40Page - Texas Instruments ADS1278IPAPT Datasheet HTML 41Page - Texas Instruments ADS1278IPAPT Datasheet HTML 42Page - Texas Instruments ADS1278IPAPT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
+5V
(1)
Buffered
VCOM
Output
V
IN
49.9W
AINP
THS4521
AINN
V
OCM
0.1 F
m
1kW
1kW
1kW
1kW
49.9W
1.5nF
(2)
1.5nF
(2)
(3)
+5V
(1)
Buffered
VCOM
Output
V
IN
THS4521
49.9W
AINP
AINN
V
=0.25
V
´
IN
O DIFF
V
=V
O COMM
REF
V
OCM
0.1 F
m
249W
1kW
249W
1kW
49.9W
5.6nF
(2)
5.6nF
(2)
(3)
ADS1274
ADS1278
www.ti.com
SBAS367F
– JUNE 2007 – REVISED FEBRUARY 2011
(1) Bypass with 10
μF and 0.1μF capacitors.
(1) Bypass with 10
μF and 0.1μF capacitors.
(2) 2.7nF for Low-Power mode; 15nF for Low-Speed mode.
(2) 10nF for Low-Power mode; 56nF for Low-Speed mode.
(3) Alternate driver OPA1632 (using
±12V supplies).
(3) Alternate driver OPA1632 (using
±12V supplies).
Figure 89. Basic Differential Input Signal
Figure 90. Basic Single-Ended Input Signal
Interface
Interface
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): ADS1274 ADS1278



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com