Electronic Components Datasheet Search
  English  ▼

X  

AT45DB321E Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 14Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 15Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 16Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 17Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 18Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 19Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 20Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 21Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
18
AT45DB321E
8784E–DFLASH–10/2013
7.
Sector Protection
Two protection methods, hardware and software controlled, are provided for protection against inadvertent or erroneous
program and erase cycles. The software controlled method relies on the use of software commands to enable and
disable sector protection while the hardware controlled method employs the use of the Write Protect (WP) pin. The
selection of which sectors that are to be protected or unprotected against program and erase operations is specified in
the Nonvolatile Sector Protection Register. The status of whether or not sector protection has been enabled or disabled
by either the software or the hardware controlled methods can be determined by checking the Status Register.
7.1
Software Sector Protection
Software controlled protection is useful in applications in which the WP pin is not or cannot be controlled by a host
processor. In such instances, the WP pin may be left floating (the WP pin is internally pulled high) and sector protection
can be controlled using the Enable Sector Protection and Disable Sector Protection commands.
If the device is power cycled, then the software controlled protection will be disabled. Once the device is powered up, the
Enable Sector Protection command should be reissued if sector protection is desired and if the WP pin is not used.
7.1.1
Enable Sector Protection
Sectors specified for protection in the Sector Protection Register can be protected from program and erase operations by
issuing the Enable Sector Protection command. To enable the sector protection, a 4-byte command sequence of 3Dh,
2Ah, 7Fh, and A9h must be clocked into the device. After the last bit of the opcode sequence has been clocked in, the
CS pin must be deasserted to enable the Sector Protection.
Table 7-1.
Enable Sector Protection Command
Figure 7-1. Enable Sector Protection
7.1.2
Disable Sector Protection
To disable the sector protection, a 4-byte command sequence of 3Dh, 2Ah, 7Fh, and 9Ah must be clocked into the
device. After the last bit of the opcode sequence has been clocked in, the CS pin must be deasserted to disable the
sector protection.
Table 7-2.
Disable Sector Protection Command
Command
Byte 1
Byte 2
Byte 3
Byte 4
Enable Sector Protection
3Dh
2Ah
7Fh
A9h
3Dh
2Ah
7Fh
A9h
CS
Each transition represents eight bits
SI
Command
Byte 1
Byte 2
Byte 3
Byte 4
Disable Sector Protection
3Dh
2Ah
7Fh
9Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com