Electronic Components Datasheet Search
  English  ▼

X  

AT45DB321E Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 15Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 16Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 17Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 18Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 19Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 20Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 21Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 22Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
19
AT45DB321E
8784E–DFLASH–10/2013
Figure 7-2. Disable Sector Protection
7.2
Hardware Controlled Protection
Sectors specified for protection in the Sector Protection Register and the Sector Protection Register itself can be
protected from program and erase operations by asserting the WP pin and keeping the pin in its asserted state. The
Sector Protection Register and any sector specified for protection cannot be erased or programmed as long as the WP
pin is asserted. In order to modify the Sector Protection Register, the WP pin must be deasserted. If the WP pin is
permanently connected to GND, then the contents of the Sector Protection Register cannot be changed. If the WP pin is
deasserted or permanently connected to VCC, then the contents of the Sector Protection Register can be modified.
The WP pin will override the software controlled protection method but only for protecting the sectors.
Example:
If the sectors were not previously protected by the Enable Sector Protection command, then simply
asserting the WP pin would enable the sector protection within the maximum specified tWPE time. When the
WP pin is deasserted, however, the sector protection would no longer be enabled (after the maximum
specified tWPD time) as long as the Enable Sector Protection command was not issued while the WP pin was
asserted. If the Enable Sector Protection command was issued before or while the WP pin was asserted,
then simply deasserting the WP pin would not disable the sector protection. In this case, the Disable Sector
Protection command would need to be issued while the WP pin is deasserted to disable the sector
protection. The Disable Sector Protection command is also ignored whenever the WP pin is asserted.
A noise filter is incorporated to help protect against spurious noise that may inadvertently assert or deassert the WP pin.
Figures 7-3 and Table 7-3 detail the sector protection status for various scenarios of the WP pin, the Enable Sector
Protection command, and the Disable Sector Protection command.
Figure 7-3. WP Pin and Protection Status
Table 7-3.
WP Pin and Protection Status
3Dh
2Ah
7Fh
9Ah
CS
Each transition represents eight bits
SI
Time
Period
WP Pin
Enable Sector Protection Command
Disable Sector
Protection Command
Sector
Protection
Status
Sector
Protection
Register
1
High
Command Not Issued Previously
X
Disabled
Read/Write
—
Issue Command
Disabled
Read/Write
Issue Command
—
Enabled
Read/Write
2
Low
X
X
Enabled
Read
3
High
Command Issued During Period 1 or 2
Not Issued Yet
Enabled
Read/Write
—
Issue Command
Disabled
Read/Write
Issue Command
—
Enabled
Read/Write
WP
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com