Electronic Components Datasheet Search
  English  ▼

X  

AT45DB321E Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 47Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 48Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 49Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 50Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 51Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 52Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 53Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 54Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
51
AT45DB321E
8784E–DFLASH–10/2013
Figure 21-2. Command Sequence for Read/Write Operations for Page Size 512 bytes
(Except Status Register Read, Manufacturer and Device ID Read)
Figure 21-3. Command Sequence for Read/Write Operations for Page Size 528 bytes
(Except Status Register Read, Manufacturer and Device ID Read)
SI (INPUT)
CMD
8-bits
8-bits
8-bits
Page Address
(A21 - A9)
LSB
X X X X X X X X
X X X X X X X X
X X X X X X X X
Byte/Buffer Address
(A8 - A0/BFA8 - BFA0)
MSB
2 Dummy
Bits
SI (INPUT)
CMD
8-bits
8-bits
8-bits
LSB
X X X X X X X X
X X X X X X X X
X X X X X X X X
MSB
Page Address
(PA12 - PA0)
Byte/Buffer Address
(BA9 - BA0/BFA9 - BFA0)
1 Dummy
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com