Electronic Components Datasheet Search
  English  ▼

X  

AT45DB321E Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E Datasheet HTML 22Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 23Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 24Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 25Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 26Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 27Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 28Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 29Page - List of Unclassifed Manufacturers AT45DB321E Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
26
AT45DB321E
8784E–DFLASH–10/2013
8.2.2
Reading the Security Register
To read the Security Register, an opcode of 77h and three dummy bytes must be clocked into the device. After the last
dummy bit has been clocked in, the contents of the Security Register can be clocked out on the SO pin. After the last
byte of the Security Register has been read, additional pulses on the SCK pin will result in undefined data being output
on the SO pin.
Deasserting the CS pin will terminate the Read Security Register operation and put the SO pin into a high-impedance
state.
Figure 8-5. Read Security Register
77h
XX
XX
XX
Data
n
Data
n + 1
CS
Data
n + x
SI
SO
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com